Electronic Components Datasheet Search
  English  ▼

X  

29513 Datasheet(PDF) 1 Page - Belden Inc.

Part # 29513
Description  VFD 300% Gnd, 3CIG #10 Str TC, XLPO InsPVC Gnd, OSTC Brd
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

29513 Datasheet(HTML) 1 Page - Belden Inc.

  29513 Datasheet HTML 1Page - Belden Inc. 29513 Datasheet HTML 2Page - Belden Inc. 29513 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: 29513
VFD 300% Gnd, 3C+IG #10 Str TC, XLPO Ins+PVC Gnd, OS+TC Brd, 1 Pr
#16 Str TC XLPO IS, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet 1000V Flexible
Motor Supply Cable
Product Description
Belden 300% Ground Flexible VFD, 3 Conductor 10AWG (105x30) Tinned Copper, XLPO Insulation M4 Color Code+PVC Insulated Ground, Overall
Beldfoil®+Tinned Copper Braid(85%) Shield, 1 Pair 16AWG (26x30) Tinned Copper XLPO Beldfoil, Black PVC Outer Jacket, 600V TC-ER 90C Dry/Wet 1000V
Flexible Motor Supply Cable 1000V CSA AWM I/II A/B 600V CIC TC SUN RES DIR BUR Oil Resistant
Technical Specifications
Product Overview
Suitable Applications:
AC Motor drives, VFD, Variable Frequency drives
Physical Characteristics (Overall)
Conductor
Element
AWG Stranding
Material
No. of Conductors No. of Pairs
XLPE
10
105x30
TC - Tinned Copper 3
Pair
16
26x30
TC - Tinned Copper
1
Ground Wire 10
105x30
TC - Tinned Copper 1
Conductor Count:
6
Insulation
Material
Nominal Wall Thickness
XLPE - Cross Linked Polyethylene 0.046 in
XLPE - Cross Linked Polyethylene 0.032 in
PVC - Polyvinyl Chloride
0.046 in
Color Chart
Number
Color
1
Black and White
2
Black #1
3
Black #2
4
Black #3
5
Green/Yellow
Inner Shield Material
Type
Material
Material Trade Name Coverage [%] Drainwire Material
Drainwire AWG Drainwire Construction n x D
Tape Aluminum Foil-Polyester Tape Beldfoil®
100 %
TC - Tinned Copper 18
19x30
Outer Shield Material
Type Layer
Material
Material Trade
Name
Coverage [%] Drainwire Material
Drainwire AWG Drainwire Construction n x D
Tape 1
Aluminum/Polyester/Aluminum Duofoil®
100 %
TC - Tinned Copper 10
105x30 mm
Braid 2
TC - Tinned Copper
85 %
Outer Jacket Material
Material
Nominal Diameter Nominal Wall Thickness Ripcord
PVC - Polyvinyl Chloride 0.985 in
0.105 in
Yes


Similar Part No. - 29513

ManufacturerPart #DatasheetDescription
logo
3M Electronics
2951398 3M-2951398 Datasheet
749Kb / 6P
4-WALL HEADER, ,100 X 100 LATCH/EJECT STRAIGHT & RA
More results

Similar Description - 29513

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
29502 BELDEN-29502 Datasheet
251Kb / 3P
VFD 300% Gnd, 3CIG #12 Str TC,XLPO InsPVC Gnd, OSTC Brd
29503 BELDEN-29503 Datasheet
251Kb / 3P
VFD 300% Gnd, 3CIG #10 Str TC, XLPO InsPVC Gnd
29503F BELDEN-29503F Datasheet
248Kb / 3P
VFD 300% Gnd, 3CIG #10 Str TC, XLPO InsPVC Gnd
29504F BELDEN-29504F Datasheet
246Kb / 3P
VFD 300% Gnd, 3CIG #8 Str TC, XLPO InsPVC Gnd
29505 BELDEN-29505 Datasheet
248Kb / 3P
VFD 300% Gnd, 3CIG #6 Str TC, XLPO InsPVC Gnd
29512 BELDEN-29512 Datasheet
255Kb / 3P
VFD 300% Gnd, 3CIG #12 Str TC, XLPO InsPVC Gnd
29500 BELDEN-29500 Datasheet
253Kb / 3P
VFD 300% Gnd, 3CIG #16 Str TC, XLPO InsPVC Gnd
29536 BELDEN-29536 Datasheet
247Kb / 3P
VFD 300% Gnd, 3CIG #14 Str TC, XLPO InsPVC Gnd
29538 BELDEN-29538 Datasheet
246Kb / 3P
VFD 300% Gnd, 3CIG #10 Str TC, XLPO InsPVC Gnd
29542 BELDEN-29542 Datasheet
244Kb / 3P
VFD 300% Gnd, 3CIG #2 Str TC, XLPO InsPVC Gnd, OSTC Brd
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com