Electronic Components Datasheet Search
  English  ▼

X  

29513 Datasheet(PDF) 2 Page - Belden Inc.

Part # 29513
Description  VFD 300% Gnd, 3CIG #10 Str TC, XLPO InsPVC Gnd, OSTC Brd
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

29513 Datasheet(HTML) 2 Page - Belden Inc.

  29513 Datasheet HTML 1Page - Belden Inc. 29513 Datasheet HTML 2Page - Belden Inc. 29513 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR Nominal Inner Shield DCR
0.988 Ohm/1000ft
4 Ohm/1000ft
4.99 Ohm/1000ft
Capacitance
Nom. Capacitance Conductor to Conductor Nom. Capacitance Conductor to Shield
29 pF/ft
53 pF/ft
34 pF/ft
Inductance
Nominal Inductance
0.184 µH/ft
Voltage
UL Voltage Rating
1000 V RMS
600 V RMS (Type TC)
Temperature Range
UL Temp Rating:
90°C Dry, 90°C Wet
Operating Temp Range:
-40°C To +90°C
Mechanical Characteristics
Max Recommended Pulling Tension:
718 lbs
Min Bend Radius/Minor Axis:
9.9 in
Standards
NEC Articles:
336 - ER
NEC/(UL) Specification:
RHW-2, TC-ER
CEC/C(UL) Specification:
CIC, TC
CSA AWM Specification:
AWM I/II A/B
PMSHA Specification:
P-07-KA070003
Other Specification:
1000V UL Flexible Motor Supply Cable
Applicable Environmental and Other Programs
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2003/96/EC (BFR):
Yes
EU Directive 2011/65/EU (ROHS II):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU:
Yes
EU Directive Compliance:
EU Directive 2003/11/EC (BFR)
EU CE Mark:
Yes
EU RoHS Compliance Date (yyyy-mm-dd):
2006-09-21
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Suitability
Suitability - Burial:
Yes
Suitability - Indoor:
Yes
Suitability - Outdoor:
Yes
Suitability - Sunlight Resistance:
Yes
Flammability, LS0H, Toxicity Testing
UL Flammability:
UL1685 UL Loading
CSA Flammability:
FT4
IEEE Flammability:
1202, 383



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com