Electronic Components Datasheet Search
  English  ▼

X  

0801733 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0801733
Description  Ground modular terminal block - PT 2,5-QUATTRO-PE BK
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801733 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0801733 Datasheet HTML 1Page - PHOENIX CONTACT 0801733 Datasheet HTML 2Page - PHOENIX CONTACT 0801733 Datasheet HTML 3Page - PHOENIX CONTACT 0801733 Datasheet HTML 4Page - PHOENIX CONTACT 0801733 Datasheet HTML 5Page - PHOENIX CONTACT 0801733 Datasheet HTML 6Page - PHOENIX CONTACT 0801733 Datasheet HTML 7Page - PHOENIX CONTACT 0801733 Datasheet HTML 8Page - PHOENIX CONTACT 0801733 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
https://www.phoenixcontact.com/us/products/3209595
09/08/2016   Page 1 / 22
Ground modular terminal block - PT 2,5-QUATTRO-PE BK - 3209595
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Ground modular terminal block, Connection method: Push-in connection, Cross section: 0.14 mm² - 4 mm²,
AWG: 26 - 12, Width: 5.2 mm, Height: 35.3 mm, Color: black, Mounting type: NS 35/7,5, NS 35/15
The figure shows a version of the
article
Why buy this product
 The Push-in connection terminal blocks are characterized by the system features of the CLIPLINE complete system and by easy and tool-free wiring
of conductors with ferrules or solid conductors
 The compact design and front connection enable wiring in a confined space
 In addition to the testing facility in the double function shaft, all terminal blocks provide an additional test connection
Key Commercial Data
Packing unit
1 STK
Minimum order quantity
50 STK
Weight per Piece (excluding packing)
13.200 g
Custom tariff number
85369010
Country of origin
Germany
Technical data
Environmental Product Compliance
China RoHS
No hazardous substances above threshold values
General
Number of levels
1
Number of connections
4
Potentials
1
Nominal cross section
2.5 mm²
Color
black


Similar Part No. - 0801733

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801733 PHOENIX-0801733 Datasheet
176Kb / 6P
ST 1,5-TWIN BU
0801733 PHOENIX-0801733 Datasheet
216Kb / 19P
Feed-through terminal block - ST 2,5-QUATTRO BK - 3037452
0801733 PHOENIX-0801733 Datasheet
113Kb / 6P
PIT 2,5 BU
0801733 PHOENIX-0801733 Datasheet
119Kb / 6P
PIT 2,5-TWIN BU
0801733 PHOENIX-0801733 Datasheet
130Kb / 6P
PIT 2,5-QUATTRO BU
More results

Similar Description - 0801733

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3209594 PHOENIX-3209594 Datasheet
134Kb / 6P
PIT 2,5-QUATTRO-PE, Ground modular terminal block
3044093 PHOENIX-3044093 Datasheet
155Kb / 18P
Ground modular terminal block - UT 2,5-PE BK
3210538 PHOENIX-3210538 Datasheet
97Kb / 7P
Ground modular terminal block - PT 2,5-PE/L/N
3211025 PHOENIX-3211025 Datasheet
172Kb / 21P
Ground modular terminal block - PT 2,5/S-QUATTRO-PE
3211030 PHOENIX-3211030 Datasheet
162Kb / 18P
Ground modular terminal block - PT 2,5/S-QUATTRO-PE CUS
3211809 PHOENIX-3211809 Datasheet
75Kb / 6P
Ground modular terminal block - PT 4-QUATTRO-PE
3212950 PHOENIX-3212950 Datasheet
188Kb / 15P
Ground modular terminal block - PT 6-QUATTRO-PE
3212011 PHOENIX-3212011 Datasheet
536Kb / 21P
Ground modular terminal block - PTS 2,5-QUATTRO-PE
1116741 PHOENIX-1116741 Datasheet
1Mb / 28P
Ground modular terminal block - PTV 6-QUATTRO-PE
3206448 PHOENIX-3206448 Datasheet
266Kb / 23P
Ground modular terminal block - QTC 2,5-QUATTRO-PE
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com