Electronic Components Datasheet Search
  English  ▼

X  

0801733 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 0801733
Description  Ground modular terminal block - PT 2,5-QUATTRO-PE BK
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801733 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 0801733 Datasheet HTML 9Page - PHOENIX CONTACT 0801733 Datasheet HTML 10Page - PHOENIX CONTACT 0801733 Datasheet HTML 11Page - PHOENIX CONTACT 0801733 Datasheet HTML 12Page - PHOENIX CONTACT 0801733 Datasheet HTML 13Page - PHOENIX CONTACT 0801733 Datasheet HTML 14Page - PHOENIX CONTACT 0801733 Datasheet HTML 15Page - PHOENIX CONTACT 0801733 Datasheet HTML 16Page - PHOENIX CONTACT 0801733 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
https://www.phoenixcontact.com/us/products/3209595
09/08/2016   Page 13 / 22
Ground modular terminal block - PT 2,5-QUATTRO-PE BK - 3209595
Accessories
Plug-in bridge - FBS 50-5 - 3038930
Plug-in bridge, Pitch: 5.2 mm, Number of positions: 50, Color: red
 
 
Labeled terminal marker
Zack marker strip - ZB 5 CUS - 0824962
Zack marker strip, can be ordered: Strip, white, labeled according to customer specifications, Mounting type: Snap into
tall marker groove, for terminal block width: 5.2 mm, Lettering field: 5.15 x 10.5 mm
 
 
Zack marker strip - ZB 5,LGS:FORTL.ZAHLEN - 1050017
Zack marker strip, Strip, white, labeled, Printed horizontally: Consecutive numbers 1 - 10, 11 - 20, etc. up to 491 - 500,
Mounting type: Snap into tall marker groove, for terminal block width: 5.2 mm, Lettering field: 5.15 x 10.5 mm
 
 
Zack marker strip - ZB 5,QR:FORTL.ZAHLEN - 1050020
Zack marker strip, Strip, white, labeled, can be labeled with: Plotter, Printed vertically: Consecutive numbers 1 - 10, 11
- 20, etc. up to 491 - 500, Mounting type: Snap into tall marker groove, for terminal block width: 5.2 mm, Lettering field:
5.15 x 10.5 mm
 
 
Zack marker strip - ZB 5,LGS:GLEICHE ZAHLEN - 1050033
Zack marker strip, Strip, white, labeled, can be labeled with: Plotter, Printed horizontally: Identical numbers 1 or 2, etc. up
to 100, Mounting type: Snap into tall marker groove, for terminal block width: 5.2 mm, Lettering field: 5.15 x 10.5 mm
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com