Electronic Components Datasheet Search
  English  ▼

X  

SIP12202 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SIP12202
Description  Synchronous Step Down Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12202 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SIP12202 Datasheet HTML 2Page - Vishay Siliconix SIP12202 Datasheet HTML 3Page - Vishay Siliconix SIP12202 Datasheet HTML 4Page - Vishay Siliconix SIP12202 Datasheet HTML 5Page - Vishay Siliconix SIP12202 Datasheet HTML 6Page - Vishay Siliconix SIP12202 Datasheet HTML 7Page - Vishay Siliconix SIP12202 Datasheet HTML 8Page - Vishay Siliconix SIP12202 Datasheet HTML 9Page - Vishay Siliconix SIP12202 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Vishay Semiconductors
SiP12202
Document Number: 73542
S-52083–Rev. A, 10-Oct-05
www.vishay.com
9
New Product
Compensation:
The SiP12201 uses voltage mode control in conjunction
with a high frequency Transconductance error amplifier.
The voltage feedback loop is compensated at the Comp/
SD pin, which is the output node of the error amplifier.
The feedback loop is generally compensated with an RC
+ C (one pole, one zero) network from comp to GND.
Loop stability is affected by the values of the inductor,
the output capacitor, the output capacitor ESR, and the
error amplifier compensation network.
The ideal Bode plot for a compensated system would be
gain that rolls off at a slope of -20 dB/decade, crossing
0dB at the desired bandwidth and a phase margin
greater than 90° for all frequencies below the 0dB cros-
sing.
The compensation network used with the error amplifier
must provide enough phase margin at the 0dB cross-
over frequency for the overall open-loop transfer func-
tion to be stable. The following guidelines will calculate
the compensation pole and zero to stabilize the
SiP12201.
The inductor and output capacitor values are usually
determined by efficiency, voltage and current ripple
requirements. The inductor and the output capacitor cre-
ate a double pole at the frequency and a -180° phase
change:
The ESR of the output capacitor and the output capaci-
tor value form a zero at the frequency:
The fZ(ESR) typically should be higher than the fp(LC) and
give a 90° phase boost. R3 and C1 will establish the sec-
ond zero of the system. The frequency of the zero
should be 2X lower than the double pole frequency of
the inductor and the output capacitor.
Choose a value for R3 usually between 1 k
Ω and 10 kΩ.
This second zero will provide the second 90° phase
boost and will stabilize the closed loop system.
The second pole should be placed at ½ the switching
frequency.
Although a mathematical approach to frequency com-
pensation can be used, the added complication of input
and/or output filters, unknown capacitor ESR, and gross
operating point changes with input voltage, load current
variations, all suggest a more practical empirical me-
thod. This can be done by injecting at the load a variable
frequency small signal voltage between the output and
the feedback network and using an RC network box to
iterate toward the final values; or by obtaining the opti-
mum loop response using a network analyzer to mea-
sure the loop Gain and Phase.
Layout:
As in the design of any switching dc-to-dc converter,
driver careful layout will ensure that there is a successful
transition from design to production. One of the few
drawbacks of switching dc-to-dc converters is the noise
induced by their high-frequency switching. Parasitic
inductance and capacitance may become significant
when a converter is switching at 500 kHz. However,
GM
∆Vosc
0.6 V
PWM Comp
ESR
R1
R2
R3
L
C2
COUT
C1
VIN
VOUT
VOUT
OSC
500KHz
FB
Compensation
OUT
p(LC)
C
*
L
2
1
f
π
=
)
ESR)(C
(
2
1
f
OUT
Z(ESR)
π
=
R3C1
2
1
fZ(comp)
π
=
1
-
SW
F
C1
R1
2
C1
C2
∗
∗
∗
=
π



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com