Electronic Components Datasheet Search
  English  ▼

X  

3210312 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3210312
Description  Knife disconnect terminal block - PT 1,5/S-TWIN-MT BU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3210312 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3210312 Datasheet HTML 1Page - PHOENIX CONTACT 3210312 Datasheet HTML 2Page - PHOENIX CONTACT 3210312 Datasheet HTML 3Page - PHOENIX CONTACT 3210312 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/3210312
10/20/2015   Page 1 / 4
Knife disconnect terminal block - PT 1,5/S-TWIN-MT BU - 3210312
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Knife disconnect terminal block, Connection type: Push-in connection, Cross section: 0.14 mm² - 1.5 mm²,
AWG: 26 - 14, Nominal current: 10 A, Nominal voltage: 400 V, Length: 67.8 mm, Width: 3.5 mm, Color: blue,
Assembly: NS 35/7,5, NS 35/15
Product Features
 The Push-in connection terminal blocks are characterized by the system features of the CLIPLINE complete system and by easy and tool-free wiring
of conductors with ferrules or solid conductors
 The compact design and front connection enable wiring in a confined space
 In addition to the testing facility in the double function shaft, all terminal blocks provide an additional test connection
 Convenient separation of circuits, thanks to lever-type disconnect knife
 
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
4.4 g
Custom tariff number
85369010
Country of origin
Poland
Technical data
General
Number of levels
1
Number of connections
3
Nominal cross section
1.5 mm²
Color
blue
Insulating material
PA
Flammability rating according to UL 94
V0
Rated surge voltage
6 kV
Pollution degree
3
Overvoltage category
III


Similar Part No. - 3210312

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3210311 PHOENIX-3210311 Datasheet
66Kb / 5P
Knife disconnect terminal block - PT 1,5/S-TWIN-MT
3210313 PHOENIX-3210313 Datasheet
184Kb / 22P
Disconnect terminal block - PT 1,5/S-TG
3210314 PHOENIX-3210314 Datasheet
184Kb / 22P
Disconnect terminal block - PT 1,5/S-TG
3210315 PHOENIX-3210315 Datasheet
62Kb / 4P
Disconnect terminal block - PT 1,5/S-TWIN-TG BU
logo
Littelfuse
3210315002 LITTELFUSE-3210315002 Datasheet
72Kb / 2P
MINIATURE FUSES
More results

Similar Description - 3210312

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3050407 PHOENIX-3050407 Datasheet
125Kb / 12P
Knife disconnect terminal block - QTC 1,5-TWIN-MT
3210302 PHOENIX-3210302 Datasheet
79Kb / 5P
Knife disconnect terminal block - PT 1,5/S-MT BU
3210309 PHOENIX-3210309 Datasheet
61Kb / 4P
Knife disconnect terminal block - PT 1,5/S-MTD BU
3210311 PHOENIX-3210311 Datasheet
66Kb / 5P
Knife disconnect terminal block - PT 1,5/S-TWIN-MT
3210315 PHOENIX-3210315 Datasheet
62Kb / 4P
Disconnect terminal block - PT 1,5/S-TWIN-TG BU
3210321 PHOENIX-3210321 Datasheet
67Kb / 5P
Knife disconnect terminal block - PT 1,5/S-QUATTRO-MT
3210322 PHOENIX-3210322 Datasheet
63Kb / 4P
Knife disconnect terminal block - PT 1,5/S-QUATTRO-MT BU
3210342 PHOENIX-3210342 Datasheet
63Kb / 4P
Knife disconnect terminal block - PTT 1,5/S-L/MT BU
3211934 PHOENIX-3211934 Datasheet
301Kb / 27P
Knife disconnect terminal block - PT 4-MT BU
09/11/2020
3210301 PHOENIX-3210301 Datasheet
520Kb / 25P
Knife disconnect terminal block - PT 1,5/S-MT
09/30/2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com