Electronic Components Datasheet Search
  English  ▼

X  

3210312 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3210312
Description  Knife disconnect terminal block - PT 1,5/S-TWIN-MT BU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3210312 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3210312 Datasheet HTML 1Page - PHOENIX CONTACT 3210312 Datasheet HTML 2Page - PHOENIX CONTACT 3210312 Datasheet HTML 3Page - PHOENIX CONTACT 3210312 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/products/3210312
10/20/2015   Page 2 / 4
Knife disconnect terminal block - PT 1,5/S-TWIN-MT BU - 3210312
Technical data
General
Insulating material group
I
Connection in acc. with standard
IEC 60947-7-1
Maximum load current
10 A
Nominal current IN
10 A
Nominal voltage UN
400 V
Open side panel
ja
Dimensions
Width
3.5 mm
End cover width
0.8 mm
Length
67.8 mm
Height
30.50 mm
Height NS 35/7,5
32 mm
Height NS 35/15
39.5 mm
Connection data
Connection method
Push-in connection
Connection in acc. with standard
IEC 60947-7-1
Conductor cross section solid min.
0.14 mm²
Conductor cross section solid max.
1.5 mm²
Conductor cross section AWG min.
26
Conductor cross section AWG max.
14
Conductor cross section flexible min.
0.14 mm²
Conductor cross section flexible max.
1.5 mm²
Min. AWG conductor cross section, flexible
26
Max. AWG conductor cross section, flexible
14
Conductor cross section flexible, with ferrule without plastic sleeve min.
0.14 mm²
Conductor cross section flexible, with ferrule without plastic sleeve max.
1.5 mm²
Conductor cross section flexible, with ferrule with plastic sleeve min.
0.14 mm²
Conductor cross section flexible, with ferrule with plastic sleeve max.
1 mm²
Stripping length
8 mm ... 10 mm
Internal cylindrical gage
A1 / B1
Classifications
eCl@ss
eCl@ss 5.1
27141120
eCl@ss 6.0
27141120



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com