Electronic Components Datasheet Search
  English  ▼

X  

0824581 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0824581
Description  PIT 2,5-TWIN-MT BU
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0824581 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0824581 Datasheet HTML 1Page - PHOENIX CONTACT 0824581 Datasheet HTML 2Page - PHOENIX CONTACT 0824581 Datasheet HTML 3Page - PHOENIX CONTACT 0824581 Datasheet HTML 4Page - PHOENIX CONTACT 0824581 Datasheet HTML 5Page - PHOENIX CONTACT 0824581 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PIT 2,5-TWIN-MT BU Order No.: 3211663
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3211663
PHOENIX CONTACT Deutschland GmbH
Page 3 / 6
http://www.phoenixcontact.de
Apr 13, 2010
0801704
NS 35/ 7,5 AL UNPERF
2000MM
DIN rail, material: Aluminum, unperforated, height 7.5 mm, width
35 mm, length: 2 m
0801762
NS 35/ 7,5 CU UNPERF
2000MM
DIN rail, material: Copper, unperforated, height 7.5 mm, width 35
mm, length: 2 m
1207640
NS 35/ 7,5 PERF 755MM
NS 35 DIN rail, height 7.5 mm, length 755 mm
1207653
NS 35/ 7,5 PERF 955MM
NS35 DIN rail, height 7.5 mm, length 955 mm
1207666
NS 35/ 7,5 PERF 1155MM
NS 35 DIN rail, height 7.5 mm, length 1155 mm
0801733
NS 35/ 7,5 PERF 2000MM
DIN rail, material: Steel, galvanized and passivated with a thick
layer, perforated, height 7.5 mm, width 35 mm, length: 2 m
1208131
NS 35/ 7,5 PERF/...
DIN rail, Color: silver
0801681
NS 35/ 7,5 UNPERF 2000MM
DIN rail, material: Steel, unperforated, height 7.5 mm, width 35
mm, length: 2 m
1208115
NS 35/ 7,5 UNPERF/...
DIN rail, Color: silver
1208128
NS 35/ 7,5 UNPERF/SO/...
DIN rail, Color: silver
0801377
NS 35/ 7,5 V2A UNPERF
2000MM
DIN rail, Width: 35 mm, Height: 7.5 mm, Length: 2000 mm,
Color: silver
1206421
NS 35/ 7,5 ZN PERF 2000MM
DIN rail, material: Galvanized, perforated, height 7.5 mm, width 35
mm, length: 2 m
1206434
NS 35/ 7,5 ZN UNPERF
2000MM
DIN rail, material: Galvanized, unperforated, height 7.5 mm, width
35 mm, length: 2 m
1201895
NS 35/15 CU UNPERF 2000MM DIN rail, material: Copper, unperforated, 1.5 mm thick, height 15
mm, width 35 mm, length: 2 m
1201730
NS 35/15 PERF 2000MM
DIN rail, material: Steel, perforated, height 15 mm, width 35 mm,
length: 2 m
1201714
NS 35/15 UNPERF 2000MM
DIN rail, material: Steel, unperforated, height 15 mm, width 35
mm, length: 2 m
1208144
NS 35/15 UNPERF/...
DIN rail, Color: silver
1208157
NS 35/15 UNPERF/SO/...
DIN rail, Color: silver
1206586
NS 35/15 ZN UNPERF 2000MM
DIN rail, material: Galvanized, unperforated, height 15 mm, width
35 mm, length: 2 m
3038943
RB ST (2,5/4)-1,5
Cross connector/bridge, Number of positions: 2, Color: red
Bridges
3030161
FBS 2-5
Cross connector/bridge, Number of positions: 2, Color: red
3030174
FBS 3-5
Cross connector/bridge, Number of positions: 3, Color: red
3030187
FBS 4-5
Cross connector/bridge, Number of positions: 4, Color: red
3030190
FBS 5-5
Cross connector/bridge, Number of positions: 5, Color: red
3030213
FBS 10-5
Cross connector/bridge, Number of positions: 10, Color: red
3030226
FBS 20-5
Cross connector/bridge, Number of positions: 20, Color: red
3038930
FBS 50-5
Cross connector/bridge, Number of positions: 50, Color: red



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com