Electronic Components Datasheet Search
  English  ▼

X  

0824581 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0824581
Description  PIT 2,5-TWIN-MT BU
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0824581 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0824581 Datasheet HTML 1Page - PHOENIX CONTACT 0824581 Datasheet HTML 2Page - PHOENIX CONTACT 0824581 Datasheet HTML 3Page - PHOENIX CONTACT 0824581 Datasheet HTML 4Page - PHOENIX CONTACT 0824581 Datasheet HTML 5Page - PHOENIX CONTACT 0824581 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Apr 13, 2010
Extract from the online
catalog
 
PIT 2,5-TWIN-MT BU
Order No.: 3211663
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3211663
 
 
Disconnect and test disconnect terminal block, Connection type: Leg
spring connection, Cross section:  0.14 mm² - 4 mm², AWG: 26 - 12,
Nominal current: 20 A, Nominal voltage: 400 V, Length: 74 mm,
Width: 5.2 mm, Color: blue, Assembly: NS 35/7,5, NS 35/15
 
Commercial data
EAN
4046356446518
Pack
50 pcs.
Customs tariff
85369010
Weight/Piece
0.010836 KG
Catalog page information
Page 193 (CL-2009)
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General
Number of connections
3
Color
blue
Insulating material
PA
Inflammability class acc. to UL 94
V0
Dimensions
Width
5.2 mm
Length
74 mm
Height NS 35/7,5
36.5 mm
Height NS 35/15
44 mm
Technical data
Rated surge voltage
8 kV


Similar Part No. - 0824581

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824581 PHOENIX-0824581 Datasheet
216Kb / 19P
Feed-through terminal block - ST 2,5-QUATTRO BK - 3037452
0824581 PHOENIX-0824581 Datasheet
113Kb / 6P
PIT 2,5 BU
0824581 PHOENIX-0824581 Datasheet
119Kb / 6P
PIT 2,5-TWIN BU
0824581 PHOENIX-0824581 Datasheet
130Kb / 6P
PIT 2,5-QUATTRO BU
0824581 PHOENIX-0824581 Datasheet
180Kb / 22P
Ground modular terminal block - PT 2,5-QUATTRO-PE BK
More results

Similar Description - 0824581

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3211003 PHOENIX-3211003 Datasheet
63Kb / 2P
D-PIT 2,5-MT
3211317 PHOENIX-3211317 Datasheet
63Kb / 2P
D-PIT 2,5-TWIN-MT
3209523 PHOENIX-3209523 Datasheet
113Kb / 6P
PIT 2,5 BU
3209552 PHOENIX-3209552 Datasheet
119Kb / 6P
PIT 2,5-TWIN BU
3209581 PHOENIX-3209581 Datasheet
130Kb / 6P
PIT 2,5-QUATTRO BU
3210172 PHOENIX-3210172 Datasheet
122Kb / 6P
PIT 2,5-QUATTRO-MT
3210509 PHOENIX-3210509 Datasheet
106Kb / 5P
PIT 2,5-3L BU
3211650 PHOENIX-3211650 Datasheet
78Kb / 6P
PIT 2,5-MT BU
3211676 PHOENIX-3211676 Datasheet
79Kb / 6P
PIT 2,5-QUATTRO-MT BU
3211775 PHOENIX-3211775 Datasheet
128Kb / 7P
PIT 4-TWIN BU
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com