Electronic Components Datasheet Search
  English  ▼

X  

LM124A Datasheet(PDF) 2 Page - Silicon Supplies

Part # LM124A
Description  Quad Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM124A Datasheet(HTML) 2 Page - Silicon Supplies

  LM124A Datasheet HTML 1Page - Silicon Supplies LM124A Datasheet HTML 2Page - Silicon Supplies LM124A Datasheet HTML 3Page - Silicon Supplies LM124A Datasheet HTML 4Page - Silicon Supplies LM124A Datasheet HTML 5Page - Silicon Supplies LM124A Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 6 
www.siliconsupplies.com
 
d 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Quad Operational Amplifier – LM124A
Rev 1.0
16/06/18
COORDINATES
(µm)
PAD
FUNCTION
X
Y
1 
OUTPUT 1 
532 
84 
2 
INPUT 1‐ 
532 
280 
3 
INPUT 1+ 
532 
496 
4 
VCC 
0 
497 
5 
INPUT 2+ 
‐532 
496 
6 
INPUT 2‐ 
‐532 
280 
7 
OUTPUT 2 
‐532 
84 
8 
OUTPUT 3 
‐532 
‐84 
9 
INPUT 3‐ 
‐532 
‐280 
10 
INPUT 3+ 
‐532 
‐496 
11 
GND 
0 
‐497 
12 
INPUT 4+ 
532 
‐496 
13 
INPUT 4‐ 
532 
‐280 
14 
OUTPUT 4 
532 
‐84 
CHIP BACK POTENTIAL IS FLOAT 
Pad Layout and Functions
Logic Diagram
1270µm (50.00 mils)
1
DIE ID
2
3
4
5
6
7
8
9
10
11
12
13
14
0,0
PAD 4 = VCC
PAD 11 = GND
IN 1- (2)
IN 1+ (3)
OUT 1
IN 2+ (5)
IN 2- (6)
OUT 2
IN 3- (9)
IN 3+ (10)
OUT 3
IN 4+ (12)
IN 4- (13)
OUT 4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com