Electronic Components Datasheet Search
  English  ▼

X  

3030721 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3030721
Description  PIT 4-DIO 1N 5408/R-L
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3030721 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3030721 Datasheet HTML 1Page - PHOENIX CONTACT 3030721 Datasheet HTML 2Page - PHOENIX CONTACT 3030721 Datasheet HTML 3Page - PHOENIX CONTACT 3030721 Datasheet HTML 4Page - PHOENIX CONTACT 3030721 Datasheet HTML 5Page - PHOENIX CONTACT 3030721 Datasheet HTML 6Page - PHOENIX CONTACT 3030721 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PHOENIX CONTACT GmbH & Co. KG
Page 1 / 7
http://www.phoenixcontact.com
Jul 15, 2011
Extract from the online
catalog
 
PIT 4-DIO 1N 5408/R-L
Order No.: 3212125
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3212125
 
 
Component terminal block, Connection type: Leg spring connection,
Cross section:  0.2 mm² - 6 mm², AWG: 24 - 10, Nominal current: 1.5
A, Nominal voltage: 800 V, Length: 56 mm, Width: 6.2 mm,
Color: gray, Assembly: NS 35/7.5, NS 35/15
 
Commercial data
GTIN (EAN)
4
046356
509190
Note
Made-to-order
sales group
A642
Pack
50 pcs.
Customs tariff
85369010
Catalog page information
Page 118 (CL1-2011)
Product notes
WEEE/RoHS-compliant since:
05/08/2009
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General
Note
The max. current is determined by the diode. Installed: diode 1N
5408, reverse voltage: 1000 V, maximum continuous current: 1.5
A
Number of levels
1


Similar Part No. - 3030721

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3030721 PHOENIX-3030721 Datasheet
65Kb / 2P
ATP-ST 4
3030721 PHOENIX-3030721 Datasheet
113Kb / 6P
PIT 2,5 BU
3030721 PHOENIX-3030721 Datasheet
127Kb / 7P
PIT 4-PE
3030721 PHOENIX-3030721 Datasheet
128Kb / 8P
PIT 4-TG
3030721 PHOENIX-3030721 Datasheet
124Kb / 7P
PIT 4-MT
More results

Similar Description - 3030721

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3210224 PHOENIX-3210224 Datasheet
108Kb / 6P
PIT 2,5-DIO/L-R, Feed-through modular terminal block
3035234 PHOENIX-3035234 Datasheet
173Kb / 21P
Component terminal block - ST 4-DIO 1N 5408/L-R
3035247 PHOENIX-3035247 Datasheet
173Kb / 21P
Component terminal block - ST 4-DIO 1N 5408/R-L
3037795 PHOENIX-3037795 Datasheet
72Kb / 4P
Component terminal block - ST 4-QUATTRO-DIO 1N 5408/R-L
3210266 PHOENIX-3210266 Datasheet
118Kb / 6P
PIT 2,5-QUATTRO-DIO/L-R
3210279 PHOENIX-3210279 Datasheet
108Kb / 6P
PIT 2,5-QUATTRO-DIO/R-L
3211919 PHOENIX-3211919 Datasheet
90Kb / 6P
Component terminal block - PT 4-QUATTRO-DIO 1N 5408/L-R
3211921 PHOENIX-3211921 Datasheet
133Kb / 7P
PIT 4-QUATTRO-DIO 1N 5408/R-L
3212112 PHOENIX-3212112 Datasheet
125Kb / 7P
PIT 4-DIO 1N 5408/L-R
3037782 PHOENIX-3037782 Datasheet
587Kb / 22P
Component terminal block - ST 4-QUATTRO-DIO 1N 5408/L-R
09/30/2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com