Electronic Components Datasheet Search
  English  ▼

X  

3030721 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3030721
Description  PIT 4-DIO 1N 5408/R-L
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3030721 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3030721 Datasheet HTML 1Page - PHOENIX CONTACT 3030721 Datasheet HTML 2Page - PHOENIX CONTACT 3030721 Datasheet HTML 3Page - PHOENIX CONTACT 3030721 Datasheet HTML 4Page - PHOENIX CONTACT 3030721 Datasheet HTML 5Page - PHOENIX CONTACT 3030721 Datasheet HTML 6Page - PHOENIX CONTACT 3030721 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PIT 4-DIO 1N 5408/R-L Order No.: 3212125
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3212125
PHOENIX CONTACT GmbH & Co. KG
Page 2 / 7
http://www.phoenixcontact.com
Jul 15, 2011
Number of connections
2
Color
gray
Insulating material
PA
Inflammability class acc. to UL 94
V0
Dimensions
Width
6.2 mm
Length
56 mm
Height NS 35/7.5
36.5 mm
Height NS 35/15
44 mm
Technical data
Maximum load current
(the maximum current is determined by the diode)
Rated surge voltage
8 kV
Pollution degree
3
Surge voltage category
III
Insulating material group
I
Nominal current IN
1.5 A
Nominal voltage UN
800 V
Open side panel
ja
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
6 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
4 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
10
Conductor cross section stranded, with ferrule
without plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule
without plastic sleeve max.
4 mm²
Conductor cross section stranded, with ferrule
with plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule
with plastic sleeve max.
4 mm²
2 conductors with same cross section, stranded,
TWIN ferrules with plastic sleeve, min.
0.5 mm²



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com