Electronic Components Datasheet Search
  English  ▼

X  

TCN Datasheet(PDF) 3 Page - AVX Corporation

Part # TCN
Description  Highest CV/cc Conductive Polymer Chip Capacitors Undertab
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCN Datasheet(HTML) 3 Page - AVX Corporation

  TCN Datasheet HTML 1Page - AVX Corporation TCN Datasheet HTML 2Page - AVX Corporation TCN Datasheet HTML 3Page - AVX Corporation TCN Datasheet HTML 4Page - AVX Corporation TCN Datasheet HTML 5Page - AVX Corporation TCN Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
216
090419
TCN Series
Highest CV/cc Conductive Polymer Chip Capacitors Undertab
RATINGS & PART NUMBER REFERENCE
Rated
Maximum
DCL
DF
ESR
100kHz RMS Current (mA)
AVX
Case
Cap
Voltage
Operating
Max.
Max.
Max.
Product
MSL
Part No.
Size
(μF)
(V)
Temperature
(μA)
(%)
@ 100kHz
45ºC
85ºC
105ºC
Category
(ºC)
(mΩ)
4 Volt @ 85°C
TCNO226M004#0500E
O
22
4
105
8.8
10
500
400
300
200
3
3
6.3 Volt @ 85°C
TCNO156M006#0500E
O
15
6.3
105
9
10
500
400
300
200
3
3
TCNO226M006#0500E
O
22
6.3
105
13.2
10
500
400
300
200
3
3
TCNM476M006#0500E
M
47
6.3
105
28.2
10
500
400
300
200
3
3
TCNK107M006#0200E
K
100
6.3
105
60
10
200
700
500
300
3
5
TCNK107M006#0250E
K
100
6.3
105
60
10
250
600
400
300
3
5
TCNL107M006#0200E
L
100
6.3
105
60
10
200
700
500
300
3
5
TCNS107M006#0250E
S
100
6.3
105
60
10
250
600
400
300
3
3
TCNL157M006#0200E
L
150
6.3
105
90
10
200
700
500
300
3
5
TCNS157M006#0250E
S
150
6.3
85
90
10
250
600
400
–
5
3
TCNT157M006#0200E
T
150
6.3
105
90
10
200
700
500
300
3
4
TCNH227M006#0170E
H
220
6.3
105
132
10
170
800
600
400
3
4
TCNT227M006#0200E
T
220
6.3
85
132
10
200
700
500
–
5
4
TCNX477M006#0050E
X
470
6.3
85
282
10
50
1900
1300
–
5
5
TCNX108M006#0200E
X
1000
6.3
85
600
30
200
900
600
–
5
5
TCN3108M006#0100
3
1000
6.3
105
600
20
100
1200
840
480
3
5
TCN4108M006#0055E
4
1000
6.3
85
600
20
55
1860
1302
–
5
4
TCN4158M006#0055E
4
1500
6.3
85
900
20
55
1860
1302
–
5
4
10 Volt @ 85°C
TCNO106M010#0500E
O
10
10
105
10
10
500
400
300
200
3
3
TCNO156M010#0500E
O
15
10
105
15
10
500
400
300
200
3
3
16 Volt @ 85°C
TCNO685M016#0500E
O
6.8
16
105
10.9
10
500
400
300
200
3
3
TCNO106M016#0500E
O
10
16
105
16
10
500
400
300
200
3
3
TCNL336M016#0200E
L
33
16
85
52.8
6
200
700
500
–
5
5
TCNT336M016#0200E
T
33
16
105
52.8
6
200
700
500
300
3
4
TCNL476M016#0250E
L
47
16
85
75.2
6
250
600
400
–
5
5
TCNT476M016#0150E
T
47
16
105
75.2
6
150
800
600
400
3
4
TCNT476M016#0200
T
47
16
105
75.2
6
200
700
500
300
3
4
TCNX157M016#0100E
X
150
16
105
240
6
100
1300
900
600
3
4
TCN4227M016#0070E
4
220
16
105
352
20
70
1650
1155
660
2
4
TCN4337M016#0070E
4
330
16
105
528
20
70
1650
1155
660
3
4
TCN4477M016#0100E
4
470
16
85
752
20
100
1380
966
–
5
4
20 Volt @ 85°C
TCN4227M020#0100E
4
220
20
85
440
10
100
1380
966
–
5
4
TCN4337M020#0100E
4
330
20
85
660
20
100
1380
966
–
5
4
25 Volt @ 85°C
TCNN475M025#0500E
N
4.7
25
105
11.8
10
500
400
300
200
3
3
TCNK106M025#0350E
K
10
25
105
25
10
350
500
400
200
3
5
TCNS106M025#0350E
S
10
25
105
25
10
350
500
400
200
3
5
TCNT226M025#0200E
T
22
25
105
55
6
200
700
500
300
3
4
TCNT336M025#0250E
T
33
25
105
82.5
10
250
600
400
300
3
4
TCNX476M025#0100E
X
47
25
105
117.5
6
100
1300
900
600
2
5
TCN3107M025#0070
3
100
25
105
250
6
70
1440
1008
576
2
5
TCN4107M025#0100E
4
100
25
105
250
6
100
1380
966
552
2
4
TCN4157M025#0070E
4
150
25
105
375
6
70
1650
1155
660
2
4
TCN4227M025#0100E
4
220
25
105
550
10
100
1380
966
552
3
4
35 Volt @ 85°C
TCNL475M035#0300E
L
4.7
35
105
16.5
6
300
600
400
300
2
5
TCNT475M035#0200E
T
4.7
35
105
16.5
10
200
700
500
300
3
4
TCNT106M035#0200E
T
10
35
105
35
10
200
700
500
300
3
4
TCNX476M035#0150E
X
47
35
105
164.5
10
150
1100
800
500
3
4
TCN3107M035#0200
3
100
35
85
350
10
200
850
595
-
5
5
TCN4107M035#0100E
4
100
35
105
350
10
100
1380
966
552
2
3
50 Volt @ 85°C
TCNN105M050#1500E
N
1
50
105
5
10
1500
200
100
100
3
3
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25ºC. Capacitance and DF are measured at 120Hz, 0.5RMS with DC bias of 2.2 volts. DCL is measured at
rated voltage after 5 minutes.
ESR allowed to move up to 1.25 times catalog limit post mounting.
For typical weight and composition see page 274.
NOTE: AVX reserves the right to supply higher voltage ratings in the same case size to the same reliability standards.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com