Electronic Components Datasheet Search
  English  ▼

X  

TCN Datasheet(PDF) 1 Page - AVX Corporation

Part # TCN
Description  Highest CV/cc Conductive Polymer Chip Capacitors Undertab
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCN Datasheet(HTML) 1 Page - AVX Corporation

  TCN Datasheet HTML 1Page - AVX Corporation TCN Datasheet HTML 2Page - AVX Corporation TCN Datasheet HTML 3Page - AVX Corporation TCN Datasheet HTML 4Page - AVX Corporation TCN Datasheet HTML 5Page - AVX Corporation TCN Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
214
090419
TCN
Type
L
Case Size
See table
above
157
Capacitance Code
pF code: 1st two digits
represent significant figures,
3rd digit represents multiplier
(number of zeros to follow)
M
Tolerance
M = ±20%
006
Rated DC Voltage
006 = 6.3Vdc
016 = 16Vdc
020 = 20Vdc
025 = 25Vdc
035 = 35Vdc
HOW TO ORDER
R
Packaging
R = Pure Tin 7" Reel
S = Pure Tin 13" Reel
0200
ESR in mΩ
E
Additional
Character
E = Black resin
FEATURES
• Highest CV/cc in broad range of low profiles
• Conductive polymer electrode
• Benign failure mode under recommended use conditions
• Lower ESR
• Undertab terminations layout:
- High Volumetric Efficiency
- High PCB assembly density
- High capacitance in smaller dimensions
• 3x reflow 260°C compatible
• 10 case sizes available
APPLICATIONS
• Consumer applications (e.g. mobiles, MP3 etc.)
• Bulk decoupling of SoC (System on chip)
LEAD-FREE COMPATIBLE
COMPONENT
TCN Series
Highest CV/cc Conductive Polymer Chip Capacitors Undertab
H, K, L, O, S, T, X CASE
XXXXX
156 J
AVX LOGO
Polymer
Capacitance Value in pF
156 = 15µF
Rated Voltage
J = 6.3V
ID Code
Polarity
Band
(Anode+)
M, N CASE
AVX LOGO
Polymer
J
1 0 6
Capacitance Value in pF
106 = 10µF
Rated Voltage Code
J = 6.3V
Polarity
Band
(Anode+)
MARKING
4 CASE
XXXXX
158 J
AVX LOGO
Polymer
Capacitance Value in pF
158 = 1500µF
Rated Voltage
J = 6.3V
ID Code
Polarity
Band
(Anode+)
XXXXX
336 E
AVX LOGO
Polymer
Capacitance Value in pF
336 = 33µF
Rated Voltage
E = 25V
ID Code
Polarity
Band
(Anode+)
AVX LOGO
Polymer
E
475
Capacitance Value in pF
106 = 10µF
Rated Voltage Code
J = 6.3V
Polarity
Band
(Anode
+)
XXXXX
107 V
AVX LOGO
Polymer
Capacitance Value in pF
107 = 100µF
Rated Voltage
V = 35V
ID Code
Polarity
Band
(Anode+)
CASE DIMENSIONS: millimeters (inches)
Code
EIA
EIA
L±0.20
W+0.20 (0.008)
H max.
W
P±0.10
W
N±0.10
A
P±0.10
A
N±0.10
S Min.
Code
Metric
(0.008)
-0.10 (0.004)
(0.004)
(0.004)
(0.004)
(0.004)
M
0805
2012-09
2.05 (0.081)
1.30 (0.051)
0.90 (0.035)
1.00 (0.039)
1.00 (0.039)
0.85 (0.033)
0.85 (0.033)
0.40 (0.016)
N
0805
2012-10
2.05 (0.081)
1.30 (0.051)
1.00 (0.039)
1.00 (0.039)
1.00 (0.039)
0.85 (0.033)
0.85 (0.033)
0.40 (0.016)
O
1206
3216-06
3.20 (0.126)
1.60 (0.063)
0.60 (0.024)
1.30 (0.051)
1.30 (0.051)
1.15 (0.045)
1.15 (0.045)
0.90 (0.035)
K
1206
3216-10
3.20 (0.126)
1.60 (0.063)
1.00 (0.039)
1.30 (0.051)
1.30 (0.051)
1.15 (0.045)
1.15 (0.045)
0.90 (0.035)
S
1206
3216-12
3.20 (0.126)
1.60 (0.063)
1.20 (0.047)
1.30 (0.051)
1.30 (0.051)
1.15 (0.045)
1.15 (0.045)
0.90 (0.035)
L
1210
3528-10
3.50 (0.138)
2.80 (0.110)
1.00 (0.039)
2.50 (0.098)
2.10 (0.083)
1.15 (0.045)
1.35 (0.053)
1.00 (0.039)
T
1210
3528-12
3.50 (0.138)
2.80 (0.110)
1.20 (0.047)
2.50 (0.098)
2.10 (0.083)
1.15 (0.045)
1.35 (0.053)
1.00 (0.039)
H
1210
3528-15
3.50 (0.138)
2.80 (0.110)
1.50 (0.059)
2.50 (0.098)
2.10 (0.083)
1.15 (0.045)
1.35 (0.053)
1.00 (0.039)
X
2917
7343-15
7.30 (0.287)
4.30 (0.169)
1.50 (0.059)
3.25 (0.128)
3.25 (0.128)
2.00 (0.079)
3.20 (0.126)
2.10 (0.083)
4
2924
7361-20
7.30 (0.287)
6.10 (0.240)
2.00 (0.079)
4.75 (0.187)
4.75 (0.187)
2.00 (0.079)
3.20 (0.126)
2.10 (0.083)
W
WP
AP
S
H
AN
WN
W
L
Polarity Band (Anode+)
W
WP
AP
S
H
AN
WN
W
L
Polarity Band (Anode+)
Part Numbers already changed to an “E” suffix will continue to be supplied with only black resin.
Those Part Numbers currently produced with gold resin will eventually change to black before July, 2020.


Similar Part No. - TCN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCN VISHAY-TCN Datasheet
93Kb / 2P
Capacitors Networks, Coated SIP
17-Mar-08
TCN0601N101KTB VISHAY-TCN0601N101KTB Datasheet
93Kb / 2P
Capacitors Networks, Coated SIP
17-Mar-08
TCN0601N101MTB VISHAY-TCN0601N101MTB Datasheet
93Kb / 2P
Capacitors Networks, Coated SIP
17-Mar-08
TCN0601N104KTB VISHAY-TCN0601N104KTB Datasheet
93Kb / 2P
Capacitors Networks, Coated SIP
17-Mar-08
TCN0601N104MTB VISHAY-TCN0601N104MTB Datasheet
93Kb / 2P
Capacitors Networks, Coated SIP
17-Mar-08
More results

Similar Description - TCN

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520 KEMET-T520 Datasheet
741Kb / 7P
CONDUCTIVE POLYMER CHIP CAPACITORS
T525 KEMET-T525 Datasheet
565Kb / 5P
CONDUCTIVE POLYMER CHIP CAPACITORS
T525 KEMET-T525_1 Datasheet
698Kb / 5P
CONDUCTIVE POLYMER CHIP CAPACITORS
logo
AVX Corporation
F380J106MMA AVX-F380J106MMA Datasheet
250Kb / 3P
Conductive Polymer, Miniature, Undertab
F98 AVX-F98_15 Datasheet
117Kb / 3P
Resin-Molded Chip, High CV Undertab
J-CAP AVX-J-CAP_15 Datasheet
216Kb / 4P
Highest Joules/cc Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
F381A225MMAAXE AVX-F381A225MMAAXE Datasheet
103Kb / 3P
Conductive Polymer, Miniature, Undertab Solid Electrolytic Chip Capacitors
TCN4158M006R005 AVX-TCN4158M006R005 Datasheet
110Kb / 4P
Highest Joules/cc Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCNL157M006R0200 AVX-TCNL157M006R0200 Datasheet
241Kb / 3P
Conductive Polymer Solid Electrolytic Chip Capacitors Undertab Series
F38 AVX-F38 Datasheet
668Kb / 4P
Conductive Polymer, Miniature, Undertab Solid Electrolytic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com