Electronic Components Datasheet Search
  English  ▼

X  

LR38620 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LR38620
Description  Timing Generator IC for 4200 k-pixwl CCD
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38620 Datasheet(HTML) 1 Page - Sharp Corporation

  LR38620 Datasheet HTML 1Page - Sharp Corporation LR38620 Datasheet HTML 2Page - Sharp Corporation LR38620 Datasheet HTML 3Page - Sharp Corporation LR38620 Datasheet HTML 4Page - Sharp Corporation LR38620 Datasheet HTML 5Page - Sharp Corporation LR38620 Datasheet HTML 6Page - Sharp Corporation LR38620 Datasheet HTML 7Page - Sharp Corporation LR38620 Datasheet HTML 8Page - Sharp Corporation LR38620 Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DESCRIPTION
The LR38620 is a CMOS timing generator IC
which generates timing pulses for driving 4 200 k-
pixel CCD area sensor and processing pulses.
FEATURES
• Designed for 1/1.8-type 4 200 k-pixel CCD area
sensor
• Frequency of driving horizontal CCD : 24.54545
MHz
• In monitoring mode, it can be obtained 30 fields/s
• External shutter control function with serial data
input is possible
• +3.3 V and +4.5 V power supplies
• Package :
48-pin QFP (P-QFP048-0707) 0.5 mm pin-pitch
PIN CONNECTIONS
LR38620
1
LR38620
Timing Generator IC for
4 200 k-pixel CCD
1
48 47 46 45 44 43 42 41 40 39
37
13 14 15 16 17 18 19 20 21 22 23 24
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
GND
OFDC
OFDX
V1X
VH1AX
VH1BX
V2X
V3X
VH3AX
VH3BX
V4X
GND
GND
TST1
ED2
ED1
ED0
HD
VD
DCLK
CLK
CKO
CKI
GND
38
48-PIN QFP
TOP VIEW
(P-QFP048-0707)
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in
catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
BACK


Similar Part No. - LR38620

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38603 SHARP-LR38603 Datasheet
160Kb / 26P
Digital Signal Processor for Color CCD Cameras
LR38616 SHARP-LR38616 Datasheet
64Kb / 9P
Timing Generator IC for 2 140 k-pixel CCDs
LR38617 SHARP-LR38617 Datasheet
97Kb / 9P
Timing Generator IC for 3 300 k/3 370 k-pixel CCDs
LR38630 SHARP-LR38630 Datasheet
78Kb / 20P
Digital Signal Processor for CIF CMOS Image Cameras
LR38637 SHARP-LR38637 Datasheet
105Kb / 15P
Digital Signal Processor For VGA/CIF CMOS Image Sensors
More results

Similar Description - LR38620

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5C7221X01 SAMSUNG-S5C7221X01 Datasheet
88Kb / 8P
TIMING & SYNC. GENERATOR FOR B/W CCD
logo
Sharp Corporation
LR38574 SHARP-LR38574 Datasheet
64Kb / 9P
Timing Generator IC for 1 090 k/1 310 k-pixel CCDs
LR38616 SHARP-LR38616 Datasheet
64Kb / 9P
Timing Generator IC for 2 140 k-pixel CCDs
LZ93BE0 SHARP-LZ93BE0 Datasheet
404Kb / 9P
Timing Pulse Generator LSI for CCD
LZ93N61 SHARP-LZ93N61 Datasheet
267Kb / 5P
Timing Pulse Generator LSI for CCD
logo
Sony Corporation
CXD1257AR SONY-CXD1257AR Datasheet
666Kb / 18P
CCD Camera Timing Generator
CXD1265R SONY-CXD1265R Datasheet
925Kb / 24P
CCD Camera Timing Generator
CXD2422R SONY-CXD2422R Datasheet
1Mb / 22P
CCD Camera Timing Generator
logo
Sharp Corporation
LR38575 SHARP-LR38575 Datasheet
94Kb / 9P
Timing Generator IC for 1 310 k-pixel CCD
LR38617 SHARP-LR38617 Datasheet
97Kb / 9P
Timing Generator IC for 3 300 k/3 370 k-pixel CCDs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com