Electronic Components Datasheet Search
  English  ▼

X  

LR38620 Datasheet(PDF) 4 Page - Sharp Corporation

Part # LR38620
Description  Timing Generator IC for 4200 k-pixwl CCD
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38620 Datasheet(HTML) 4 Page - Sharp Corporation

  LR38620 Datasheet HTML 1Page - Sharp Corporation LR38620 Datasheet HTML 2Page - Sharp Corporation LR38620 Datasheet HTML 3Page - Sharp Corporation LR38620 Datasheet HTML 4Page - Sharp Corporation LR38620 Datasheet HTML 5Page - Sharp Corporation LR38620 Datasheet HTML 6Page - Sharp Corporation LR38620 Datasheet HTML 7Page - Sharp Corporation LR38620 Datasheet HTML 8Page - Sharp Corporation LR38620 Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LR38620
4
PIN NO. SYMBOL IO SYMBOL POLARITY
PIN NAME
DESCRIPTION
16
BCPX
O3MR1
Optical black clamp
pulse output
A pulse to clamp the optical black signal.
This pulse is controlled by serial data BCPCNT.
BCPCNT = H; This pulse stays high during the
absence of effective pixels within the
vertical blanking or during the
sweepout signal.
BCPCNT = L; This pulse stays high during the
sweepout signal.
A pulse to clamp the dummy outputs of the CCD signal.
This pulse stays high during the sweepout period.
Clamp pulse output
O3MR1
CLPX
17
18
ADCK
O6M32
AD clock output
An output pin for AD converter. The output phase of
ADCK is selected by serial data in 90˚ steps.
A pulse to clamp the feed-through level for the CCD.
The output phase and output polarity of FCDS are
selected by serial data.
CDS pulse output 1
O6M32
FCDS
19
20
FS
O6M32
CDS pulse output 2
A pulse to sample-hold the signal for the CCD.
The output phase and output polarity of FS are selected
by serial data.
A trigger pulse for effective signal period.
Trigger output
O3MR1
SHTR
21
22
ID
O3MR1
Line index pulse
output
The pulse is used in the color separator.
The signal switches between high and low at every line.
Supply of +3.3 V power.
Power supply
–
VDD3
23
–
–
24
VDD3
–
Power supply
Supply of +3.3 V power.
A grounding pin.
Ground
–
GND
25
–
–
26
CKI
OSCI3
Clock input
An input pin for reference clock oscillation.
The frequency is 49.0909 MHz.
An output pin for reference oscillation.
The output is the inverse of CKI (pin 26).
Clock output
OSCO3
CKO
27
–
An output pin to generate HD and VD pulses.
The frequency is 24.54545 MHz.
Clock output
O6M32
CLK
28
29
DCLK
O6M32
Clock output
An output pin for DSP IC. The frequency is 24.54545 MHz.
The output phase of DCLK is selected by serial data in
90˚ steps.
An input pin for reference of vertical pulse.
Connect to VD pin of DSP IC.
Vertical reference
pulse input
IC3
VD
30
31
HD
IC3
Horizontal drive
pulse input
An input pin for reference of horizontal pulse.
Connect to HD pin of DSP IC.
An input pin for the strobe pulse, to control the functions
of LR38620. For details, see "Serial Data Control".
Strobe pulse input
ICSD3
ED0
32
–
–
33
ED1
ICSD3
Shift register clock
input
An input pin for the clock of the shift register, to control
the functions of LR38620. For details, see "Serial Data
Control".



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com