Electronic Components Datasheet Search
  English  ▼

X  

3215035 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3215035
Description  High-current terminal block - PTPOWER 150-3L/FE-F
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3215035 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3215035 Datasheet HTML 1Page - PHOENIX CONTACT 3215035 Datasheet HTML 2Page - PHOENIX CONTACT 3215035 Datasheet HTML 3Page - PHOENIX CONTACT 3215035 Datasheet HTML 4Page - PHOENIX CONTACT 3215035 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/3215035
02/19/2016   Page 1 / 5
High-current terminal block - PTPOWER 150-3L/FE-F - 3215035
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
High-current terminal block, Blocked, Connection method: Power-Turn connection, Number of positions: 4, Cross
section: 50 mm² - 150 mm², AWG: 1/0 - 300 kcmil, Width: 31 mm, Height: 108.3 mm, Color: gray/black-yellow,
Mounting type: ct screw connection
The figure shows a version of the
article
Product Features
 Quick and easy connection is now also possible for large conductors with the high-current terminal block
 The Push-in connection terminal blocks are characterized by the system features of the CLIPLINE complete system and by easy and tool-free wiring
of conductors with ferrules or solid conductors
 The compact design enables wiring in a confined space
 In addition to using the existing test connection, pick-off terminal blocks can be connected, each of which can also accommodate two test cables
 
Key Commercial Data
Packing unit
1 pc
Custom tariff number
85369010
Country of origin
Poland
Technical data
General
Number of levels
1
Number of connections
8
Nominal cross section
150 mm²
Color
gray/black-yellow
Insulating material
PA
Flammability rating according to UL 94
V0
Rated surge voltage
8 kV
Degree of pollution
3
Overvoltage category
III
Insulating material group
I


Similar Part No. - 3215035

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3215030 PHOENIX-3215030 Datasheet
66Kb / 6P
High-current terminal block - PTPOWER 150 F
3215031 PHOENIX-3215031 Datasheet
63Kb / 3P
High-current terminal block - PTPOWER 150 F BU
3215032 PHOENIX-3215032 Datasheet
65Kb / 5P
High-current terminal block - PTPOWER 150-FE-F
3215033 PHOENIX-3215033 Datasheet
62Kb / 5P
High-current terminal block - PTPOWER 150-3L-F
3215034 PHOENIX-3215034 Datasheet
63Kb / 5P
High-current terminal block - PTPOWER 150-3L/N-F
More results

Similar Description - 3215035

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3215005 PHOENIX-3215005 Datasheet
60Kb / 5P
High-current terminal block - PTPOWER 150-3L
3215007 PHOENIX-3215007 Datasheet
60Kb / 4P
High-current terminal block - PTPOWER 150-3L/FE
3215008 PHOENIX-3215008 Datasheet
60Kb / 4P
High-current terminal block - PTPOWER 150-3L/N/FE
3215032 PHOENIX-3215032 Datasheet
65Kb / 5P
High-current terminal block - PTPOWER 150-FE-F
3215033 PHOENIX-3215033 Datasheet
62Kb / 5P
High-current terminal block - PTPOWER 150-3L-F
3215034 PHOENIX-3215034 Datasheet
63Kb / 5P
High-current terminal block - PTPOWER 150-3L/N-F
3215036 PHOENIX-3215036 Datasheet
63Kb / 5P
High-current terminal block - PTPOWER 150-3L/N/FE-F
3260055 PHOENIX-3260055 Datasheet
63Kb / 5P
High-current terminal block - PTPOWER 50-3L/FE
3260127 PHOENIX-3260127 Datasheet
62Kb / 4P
High-current terminal block - PTPOWER 95-3L/FE-F
3260130 PHOENIX-3260130 Datasheet
62Kb / 4P
High-current terminal block - PTPOWER 95-3L/N/FE-F
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com