Electronic Components Datasheet Search
  English  ▼

X  

3215035 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3215035
Description  High-current terminal block - PTPOWER 150-3L/FE-F
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3215035 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3215035 Datasheet HTML 1Page - PHOENIX CONTACT 3215035 Datasheet HTML 2Page - PHOENIX CONTACT 3215035 Datasheet HTML 3Page - PHOENIX CONTACT 3215035 Datasheet HTML 4Page - PHOENIX CONTACT 3215035 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/us/products/3215035
02/19/2016   Page 2 / 5
High-current terminal block - PTPOWER 150-3L/FE-F - 3215035
Technical data
General
Connection in acc. with standard
IEC 60947-7-1
Maximum load current
309 A (with 150 mm² conductor cross section)
Nominal current IN
309 A
Nominal voltage UN
1500 V
Open side panel
No
Number of positions
4
Dimensions
Width
31 mm
Length
150 mm
Height
108.3 mm
Hole diameter
6.5 mm
Drill hole spacing
126.40 mm
Connection data
Connection method
Power-Turn connection
Connection in acc. with standard
IEC 60947-7-1
Conductor cross section solid min.
50 mm²
Conductor cross section solid max.
150 mm²
Conductor cross section AWG min.
1/0
Conductor cross section AWG max.
300 kcmil
Conductor cross section flexible min.
50 mm²
Conductor cross section flexible max.
150 mm²
Min. AWG conductor cross section, flexible
1/0
Max. AWG conductor cross section, flexible
300 kcmil
Conductor cross section flexible, with ferrule without plastic sleeve min.
50 mm²
Conductor cross section flexible, with ferrule without plastic sleeve max.
95 mm²
Conductor cross section flexible, with ferrule with plastic sleeve min.
50 mm²
Conductor cross section flexible, with ferrule with plastic sleeve max.
95 mm²
Cross section with insertion bridge solid min.
50 mm²
Cross section with insertion bridge, solid max.
150 mm²
Cross section with insertion bridge stranded min.
50 mm²
Cross section with insertion bridge, stranded max.
150 mm²
Cross section with insertion bridge stranded, with ferrule without plastic
sleeve min.
50 mm²
Cross section with insertion bridge stranded, with ferrule without plastic
sleeve max.
95 mm²
Cross section with insertion bridge stranded, with ferrule without plastic
sleeve min.
50 mm²



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com