Electronic Components Datasheet Search
  English  ▼

X  

148653 Datasheet(PDF) 1 Page - Adels-Contact

Part # 148653
Description  AC 164 EBU/ 3 white
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

148653 Datasheet(HTML) 1 Page - Adels-Contact

  148653 Datasheet HTML 1Page - Adels-Contact 148653 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
09/12/2019
Connectors System AC 164
Panel Mounting
AC 164 EBU/ 3 white
Socket, 3 pole, white, Coding: 1 (Mains), Voltage Rating: 250 V, Current
Rating: 16 A, Cross-Section: 1.5 mm², Wall Thickness min.: 0.5 mm, Wall
Thickness max.: 1.2 mm
Order Info
Reference Number (ref. no.)
148653
Applications
Lighting, Installation, Electrical Appliances
PU
200
EAN
4028012123919
Type
Type
Socket
Number of poles
3 pole
Clamping Units per Pole
1
Colour
white
Coding
1 (Mains)
Cross-Section
1.5 mm²
Connection Type
Screw
PE Function
yes
Protection Against Incorrect Plugging
yes
Latch
yes
Technical Data
Voltage Rating
250 V
Current Rating
16 A
Insulating Material
PA 6.6
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
1.5 mm²
Impulse Voltage Rating
4.0 kV
Flammability Rating
V-2
max. Ambient Temperature Operation
70 °C
IP Code
IP20
IP Code when Plugged
IP40
Type of Conductor Solid
yes
Type of Conductor Flexible
yes


Similar Part No. - 148653

ManufacturerPart #DatasheetDescription
logo
Heyco.
14865 HEYCO-14865 Datasheet
113Kb / 1P
Heyco®-Tite Brass Liquid Tight Clamping Cordgrips
logo
Adels-Contact
148652 ADELS-148652 Datasheet
119Kb / 2P
AC 164 EBU/ 2 white
09/12/2019
148654 ADELS-148654 Datasheet
120Kb / 2P
AC 164 EBU/ 4 white
09/12/2019
148655 ADELS-148655 Datasheet
120Kb / 2P
AC 164 EBU/ 5 white
09/12/2019
logo
Weidmuller
1486560000 WEIDMULLER-1486560000 Datasheet
95Kb / 4P
BLAT 8B SN OR
More results

Similar Description - 148653

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
1486P2 ADELS-1486P2 Datasheet
121Kb / 2P
AC 164 EBU/ 2 pastel blue Frame white
09/12/2019
1486P5 ADELS-1486P5 Datasheet
123Kb / 2P
AC 164 EBU/ 5 pastel blue Frame white
09/12/2019
146453 ADELS-146453 Datasheet
122Kb / 2P
AC 164 STF/ 3 white
09/12/2019
148652 ADELS-148652 Datasheet
119Kb / 2P
AC 164 EBU/ 2 white
09/12/2019
148654 ADELS-148654 Datasheet
120Kb / 2P
AC 164 EBU/ 4 white
09/12/2019
148655 ADELS-148655 Datasheet
120Kb / 2P
AC 164 EBU/ 5 white
09/12/2019
148662 ADELS-148662 Datasheet
121Kb / 2P
AC 164 EBU/ 2 black
09/12/2019
148663 ADELS-148663 Datasheet
122Kb / 2P
AC 164 EBU/ 3 black
09/12/2019
148664 ADELS-148664 Datasheet
122Kb / 2P
AC 164 EBU/ 4 black
09/12/2019
148665 ADELS-148665 Datasheet
122Kb / 2P
AC 164 EBU/ 5 black
09/12/2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com