Electronic Components Datasheet Search
  English  ▼

X  

148653 Datasheet(PDF) 2 Page - Adels-Contact

Part # 148653
Description  AC 164 EBU/ 3 white
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

148653 Datasheet(HTML) 2 Page - Adels-Contact

  148653 Datasheet HTML 1Page - Adels-Contact 148653 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
09/12/2019
Type of Conductor Stranded
yes
Stripping Length
7.0 mm
Assembly Contact Screw
PZ 1 / 0.5 Nm
Wall Thickness min.
0.5 mm
Wall Thickness max.
1.2 mm
Approbation EN61535
AC 164_EN61535_20190125_DEKRA_ENEC_71-107174_web.pdf
Approbation UL
160_163_AC164_AC166_20011003_20170727_UL_E220480_Sec.1-01_Description_web.pdf



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com