Electronic Components Datasheet Search
  English  ▼

X  

AD5399 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5399
Description  Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5399 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5399 Datasheet HTML 4Page - Analog Devices AD5399 Datasheet HTML 5Page - Analog Devices AD5399 Datasheet HTML 6Page - Analog Devices AD5399 Datasheet HTML 7Page - Analog Devices AD5399 Datasheet HTML 8Page - Analog Devices AD5399 Datasheet HTML 9Page - Analog Devices AD5399 Datasheet HTML 10Page - Analog Devices AD5399 Datasheet HTML 11Page - Analog Devices AD5399 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD5399
Rev. D | Page 12 of 12
OUTLINE DIMENSIONS
0.23
0.08
0.80
0.60
0.40
8°
0°
0.15
0.00
0.27
0.17
0.95
0.85
0.75
SEATING
PLANE
1.10 MAX
10
6
5
1
0.50 BSC
3.00 BSC
3.00 BSC
4.90 BSC
PIN 1
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-187BA
Figure 25. 10-Lead Mini Small Outline Package [MSOP]
(RM-10)
Dimensions shown in millimeters
ORDERING GUIDE
Models
Temperature Range
Package Description
Package Option
Branding
Ordering Quantity
AD5399YRM
–40°C to +105°C
MSOP
RM-10
DSB
50
AD5399YRM-REEL7
–40°C to +105°C
MSOP
RM-10
DSB
1,000
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C03469–0–6/04(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com