Electronic Components Datasheet Search
  English  ▼

X  

HCPL-8100 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL-8100
Description  High Current Line Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-8100 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-8100 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-8100 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-8100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-8100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-8100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-8100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-8100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-8100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-8100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Electrical Specifications
Unless otherwise noted, for sinusoidal waveform input and reference resistor Rref = 24 kΩ, all typical values are
at TA = 25°C and VCC = 5 V; all Minimum/Maximum specifications are at Recommended Operating Conditions.
Notes:
1. Threshold of falling VCC with hysteresis of 0.2 V (typ.).
2. Threshold of rising junction temperature with hysteresis of 20°C (typ.).
3. See Application Information section for more information on the load detection feature.
4. See Figure 3 for the plot of supply current versus Tx output current.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Fig.
Note
VCC Supply Current
ICC
1.2
2
mA
VTx−en = 0 V, VTx−in = 0 VPP,
Tx-out no load
1
20
45
mA
VTx−en = 5 V, VTx−in = 0 VPP,
Tx-out no load
2, 3
VCC Under Voltage
Detection
VUVD
3.8
4.0
4.3
V
1
Junction Over-
Temperature Threshold
150
°C
2
Load Detection
Threshold
0.5
APP
VTx−en = 5 V, VTx−in = 1.25 VPP,
f = 132 kHz, Gain =
− 2, R
L = 2.5
Ω
12, 13
3
Status Logic High
Output
VOH
VCC
−1V
CC
VVCC = 3.5 V, IOH =
− 4 mA
Status Logic Low
Output
VOL
00.8
V
VCC = 5 V, IOL = 4 mA
Power Supply
Rejection Ratio
PSRR
72
dB
50 Hz ripple, Vripple = 200 mVPP,
VTx−en = 5 V, VTx−in = 0 VPP, Tx-out no load
DC Bias Voltage
VBias
2.27
V
VTx−en = 5 V, Tx-out no load
Output Impedance
ZO
12
k
Ω
VTx−en = 0 V, VTx−in = 0 VPP,
open loop, f = 132 kHz
0.5
Ω
VTx−en = 5 V, VTx−in = 0 VPP, f = 132 kHz
Gain Bandwidth
Product
GBW
3.5
MHz
VTx−en = 5 V, VTx−in = 1 VPP,
RL = 50
Ω
4, 14
Transmit Enable
Threshold Voltage
Vth, Tx
0.8
2.4
V
VTx−in = 1 VPP, f = 132 kHz,
Tx-out no load
Tx Enable Time
tTx-en
0.9
µs
VTx−en = 5 V, VTx−in = 1.75 VPP,
f = 132 kHz, Tx-out no load
11, 15
Tx Disable Time
0.2
µs
VTx−en = 0 V, VTx−in = 1.75 VPP,
f = 132 kHz, Tx-out no load
15
2nd Harmonic
Distortion
HD2
−65
−60
dB
VTx−en = 5 V, VTx−out = 3.5 VPP, f = 132 kHz,
Gain =
−2, R
ref = 24 k
Ω, R
L= 50
Ω
5-10, 16
3rd Harmonic
Distortion
HD3
−75
−65
dB
Output Current
IO
1APP
VTx−en = 5 V, f=132 kHz
4
Thermal Resistance
(HCPL-8100)
θ
JA
100
°C/W 1 oz. trace, 2-layer PCB, still air, TA = 25°C
60
°C/W 1 oz. trace, 4-layer PCB, still air, TA = 25°C
Thermal Resistance
(HCPL-0810)
θ
JA
138
°C/W 1 oz. trace, 2-layer PCB, still air, TA = 25°C
70
°C/W 1 oz. trace, 4-layer PCB, still air, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com