Electronic Components Datasheet Search
  English  ▼

X  

HCPL-8100 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL-8100
Description  High Current Line Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-8100 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL-8100 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-8100 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-8100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-8100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-8100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-8100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-8100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-8100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-8100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Package Pin Out
Block Diagram
Pin Descriptions
Ordering Information
Specify part number followed by option number (if desired).
Example:
HCPL-8100
HCPL-0810-XXX
No option = SO-8 package, 100 units per tube.
500 = Tape and Reel Packaging Option, 1500 units per reel.
Standard 8-pin DIP package, 50 units per tube.
Pin No. Symbol
Function
Description
1
Status
Line condition
detection
A logic high indicates line conditions
such as
- under-voltage when VCC < 4 V
- load detection when ITx-out <
−0.25 A
- over-temperature (thermal
shutdown)
2
Tx-en
Transmit enable
A logic high enables the Tx-out;
A logic low disables the Tx-out and
changes it to high impedance state
3
Tx-in
Transmit input
Transmit signal input
4Rref
Resistor reference
Sets line driver biasing current,
typically 24 k
Ω
5, 6
GND
Power supply ground Power supply and signal ground
7VCC
5 V power supply
5 V power supply
8
Tx-out
Transmit output
Transmit signal output, to be enabled
by Tx-en
1
Tx-en
Status
Tx-in
R ref
Tx-out
VCC
GND
GND
2
3
4
5
6
7
8
Amp
Under-Volt
Detection
Load
Detection
Over-Temp
Detection
Status
Output
Tx-in
Tx-en
Status
Rref
GND
2
1
7
3
4
8
6
GND
5
VCC
Tx-out



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com