Electronic Components Datasheet Search
  English  ▼

X  

OPA189IDBVT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA189IDBVT
Description  OPAx189 Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA189IDBVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA189IDBVT Datasheet HTML 17Page - Texas Instruments OPA189IDBVT Datasheet HTML 18Page - Texas Instruments OPA189IDBVT Datasheet HTML 19Page - Texas Instruments OPA189IDBVT Datasheet HTML 20Page - Texas Instruments OPA189IDBVT Datasheet HTML 21Page - Texas Instruments OPA189IDBVT Datasheet HTML 22Page - Texas Instruments OPA189IDBVT Datasheet HTML 23Page - Texas Instruments OPA189IDBVT Datasheet HTML 24Page - Texas Instruments OPA189IDBVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
+
±
50
Digital
Multimeter
Ambient temperature: 25Û&
Sample /
Averaging
V+
V±
Not shown: 0.1 µF and 10 µF supply decoupling
RF Source
DC Bias: 0 V
Modulation: None (CW)
Frequency Sweep: 201 pt. Log
Low-Pass
Filter
21
OPA189, OPA2189
www.ti.com
SBOS830E – SEPTEMBER 2017 – REVISED MAY 2019
Product Folder Links: OPA189 OPA2189
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
The electromagnetic interference (EMI) rejection ratio, or EMIRR, describes the EMI immunity of operational
amplifiers. An adverse effect that is common to many op amps is a change in the offset voltage as a result of RF
signal rectification. An op amp that is more efficient at rejecting this change in offset as a result of EMI has a
higher EMIRR and is quantified by a decibel value. Measuring EMIRR can be performed in many ways, but this
section provides the EMIRR +IN, which specifically describes the EMIRR performance when the RF signal is
applied to the noninverting input pin of the op amp. In general, only the noninverting input is tested for EMIRR for
the following three reasons:
•
Op amp input pins are known to be the most sensitive to EMI, and typically rectify RF signals better than the
supply or output pins.
•
The noninverting and inverting op amp inputs have symmetrical physical layouts and exhibit nearly matching
EMIRR performance
•
EMIRR is more simple to measure on noninverting pins than on other pins because the noninverting input
terminal can be isolated on a PCB. This isolation allows the RF signal to be applied directly to the
noninverting input terminal with no complex interactions from other components or connecting PCB traces.
High-frequency signals conducted or radiated to any pin of the operational amplifier may result in adverse
effects, as the amplifier would not have sufficient loop gain to correct for signals with spectral content outside the
bandwidth. Conducted or radiated EMI on inputs, power supply, or output may result in unexpected DC offsets,
transient voltages, or other unknown behavior. Take care to properly shield and isolate sensitive analog nodes
from noisy radio signals and digital clocks and interfaces.
The EMIRR +IN of the OPAx189 is plotted versus frequency as shown in Figure 42. If available, any dual and
quad op amp device versions have nearly similar EMIRR +IN performance. The OPAx189 unity-gain bandwidth
is 14 MHz. EMIRR performance below this frequency denotes interfering signals that fall within the op amp
bandwidth.
8.3.5 EMIRR +IN Test Configuration
Figure 43 shows the circuit configuration for testing the EMIRR +IN. An RF source is connected to the op amp
noninverting input terminal using a transmission line. The op amp is configured in a unity-gain buffer topology
with the output connected to a low-pass filter (LPF) and a digital multimeter (DMM). A large impedance mismatch
at the op amp input causes a voltage reflection; however, this effect is characterized and accounted for when
determining the EMIRR IN+. The multimeter samples and measures the resulting DC offset voltage. The LPF
isolates the multimeter from residual RF signals that may interfere with multimeter accuracy.
Figure 43. EMIRR +IN Test Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com