Electronic Components Datasheet Search
  English  ▼

X  

OPA189IDBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA189IDBVT
Description  OPAx189 Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA189IDBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA189IDBVT Datasheet HTML 4Page - Texas Instruments OPA189IDBVT Datasheet HTML 5Page - Texas Instruments OPA189IDBVT Datasheet HTML 6Page - Texas Instruments OPA189IDBVT Datasheet HTML 7Page - Texas Instruments OPA189IDBVT Datasheet HTML 8Page - Texas Instruments OPA189IDBVT Datasheet HTML 9Page - Texas Instruments OPA189IDBVT Datasheet HTML 10Page - Texas Instruments OPA189IDBVT Datasheet HTML 11Page - Texas Instruments OPA189IDBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
8
OPA189, OPA2189
SBOS830E – SEPTEMBER 2017 – REVISED MAY 2019
www.ti.com
Product Folder Links: OPA189 OPA2189
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
7.6 Electrical Characteristics
at TA = 25°C, VCM = VOUT = VS / 2, and RLOAD = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage,
OPA189
±0.4
±3
µV
TA = –40°C to 125°C
±4
Input offset voltage,
OPA2189ID
±1.5
±5
µV
TA = –40°C to 125°C
±8
µV
dVOS/dT
Input offset voltage drift,
OPA189
TA = –40°C to 125°C
±0.005
±0.02
µV/°C
Input offset voltage drift,
OPA2189ID
TA = –0°C to 85°C
±0.007
±0.03
µV/°C
TA = –40°C to 125°C
±0.01
±0.05
µV/°C
PSRR
Power-supply rejection
ratio
TA = –40°C to 125°C
±0.005
±0.05
µV/V
INPUT BIAS CURRENT
IB
Input bias current, OPA189
ZIN = 100 kΩ || 500 pF
±70
±300
pA
TA = 0°C to 85°C
±1
nA
TA = –40°C to 125°C
±10
Input bias current,
OPA2189
±70
±300
pA
TA = 0°C to 85°C
±1.5
nA
TA = –40°C to 125°C
±10
IOS
Input offset current,
OPA189
ZIN = 100 kΩ || 500 pF
±140
±600
pA
TA = 0°C to 85°C
±1.6
nA
TA = –40°C to 125°C
±3
Input offset current,
OPA2189
±140
±600
pA
TA = 0°C to 85°C
±2.5
nA
TA = –40°C to 125°C
±5
NOISE
En
Input voltage noise
f = 0.1 Hz to 10 Hz
17
nVRMS
0.1
µVPP
en
Input voltage noise density
f = 10 Hz
5.2
nV/
√Hz
f = 100 Hz
5.2
f = 1 kHz
5.2
f = 10 kHz
5.2
in
Input current noise density
f = 1 kHz
165
fA/
√Hz
INPUT VOLTAGE
VCM
Common-mode voltage
range
(V–) – 0.1
(V+) – 2.5
V
CMRR
Common-mode rejection
ratio
(V–) – 0.1 V
≤ VCM ≤ (V+) – 2.5 V
VS = ±2.25 V
120
140
dB
VS = ±18 V
146
168
(V–) – 0.1 V
≤ VCM ≤ (V+) – 2.5 V,
TA = –40°C to 125°C
VS = ±18 V
120
VS = ±2.25 V
110
INPUT IMPEDANCE
zid
Differential input
impedance
0.1 || 5.5
GΩ || pF
zic
Common-mode input
impedance
60 || 1.7
TΩ || pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com