Electronic Components Datasheet Search
  English  ▼

X  

OPA202IDBVT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA202IDBVT
Description  OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA202IDBVT Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA202IDBVT Datasheet HTML 15Page - Texas Instruments OPA202IDBVT Datasheet HTML 16Page - Texas Instruments OPA202IDBVT Datasheet HTML 17Page - Texas Instruments OPA202IDBVT Datasheet HTML 18Page - Texas Instruments OPA202IDBVT Datasheet HTML 19Page - Texas Instruments OPA202IDBVT Datasheet HTML 20Page - Texas Instruments OPA202IDBVT Datasheet HTML 21Page - Texas Instruments OPA202IDBVT Datasheet HTML 22Page - Texas Instruments OPA202IDBVT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
0
5
10
15
20
25
30
35
40
45
50
25
250
2500
25000
Capacitive Load (pF)
G = -1, RISO = 0
G = -1, RISO = 25
G = -1, RISO = 50
G = +1, RISO = 0
G = +1, RISO = 25
G = +1, RISO = 50
C004
19
OPA202, OPA2202, OPA4202
www.ti.com
SBOS812D – OCTOBER 2017 – REVISED DECEMBER 2019
Product Folder Links: OPA202 OPA2202 OPA4202
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Capacitive Load and Stability
The dynamic characteristics of the OPAx202 are optimized for commonly encountered gains, loads, and
operating conditions. The OPAx202 feature a patented output stage capable of driving large capacitive loads. In
a unity-gain configuration, the series is capable of directly driving to 25 nF of pure capacitive load. Increase the
gain to enhance the ability of the devices to drive greater capacitive loads. The particular op amp circuit
configuration, layout, gain, and output loading are some of the factors to consider when establishing whether an
amplifier is stable in operation.
The combination of low closed-loop gain and high capacitive loads decreases the phase margin of the amplifier,
and can lead to gain peaking or oscillations. As a result, heavier capacitive loads must be isolated from the
output. Add a small resistor (ROUT equal to 50 Ω, for example) in series with the output to achieve isolation.
Figure 40 shows the effects on small-signal overshoot for several capacitive loads and combinations of isolation
resistance. See the Feedback Plots Define Op Amp AC Performance application bulletin for details of analysis
techniques and application circuits, available for download from the www.TI.com. By using isolation resistors,
driving capacitive loads of 100 nF and beyond is possible.
Figure 40. Small-Signal Overshoot vs Capacitive Load (10-mV Output Step)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com