Electronic Components Datasheet Search
  English  ▼

X  

OPA202IDBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA202IDBVT
Description  OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA202IDBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA202IDBVT Datasheet HTML 4Page - Texas Instruments OPA202IDBVT Datasheet HTML 5Page - Texas Instruments OPA202IDBVT Datasheet HTML 6Page - Texas Instruments OPA202IDBVT Datasheet HTML 7Page - Texas Instruments OPA202IDBVT Datasheet HTML 8Page - Texas Instruments OPA202IDBVT Datasheet HTML 9Page - Texas Instruments OPA202IDBVT Datasheet HTML 10Page - Texas Instruments OPA202IDBVT Datasheet HTML 11Page - Texas Instruments OPA202IDBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
8
OPA202, OPA2202, OPA4202
SBOS812D – OCTOBER 2017 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: OPA202 OPA2202 OPA4202
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
6.7 Electrical Characteristics
at TA = 25°C, VS = ±18 V, VCM = VS / 2, and VOUT = VS / 2, RL = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VS = ±18 V
±20
±200
µV
VS = ±18 V, TA = –40°C to +105°C
±250
dVOS/dT
Input offset voltage drift
OPA202, OPA4202ID
TA = –40°C to +105°C
±0.5
±1
µV/°C
OPA2202IDGK
TA = –40°C to +105°C
±0.5
±1.5
µV/°C
PSRR
Input offset voltage
versus power supply
VS = ±2.25 V to ±18 V
±0.1
±0.5
µV/V
VS = ±2.25 V to ±18 V, TA = –40°C to +105°C
±0.5
INPUT BIAS CURRENT
IB
Input bias current
±0.25
±2
nA
TA = –40°C to +105°C
±2.1
IOS
Input offset current
OPA202
±15
±150
pA
TA = –40°C to +105°C
±700
OPA2202IDGK,
OPA4202ID
±25
±250
TA = –40°C to +105°C
±700
NOISE
Input voltage noise
f = 0.1 Hz to 10 Hz
0.2
µVPP
0.03
µVRMS
en
Input voltage noise
density
f = 10 Hz
9.5
nV/
√Hz
f = 100 Hz
9.1
f = 1 kHz
9
in
Input current noise
f = 1 kHz
0.076
pA/
√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage
range
(V–) + 1.5
(V+) – 1.5
V
CMRR
Common-mode rejection
ratio
VS = ±2.25 V
(V–) + 1.5 V < VCM < (V+) – 1.5 V
114
131
dB
(V–) + 1.5 V < VCM < (V+) – 1.5 V,
TA = –40°C to +105°C
114
VS = ±18 V
(V–) + 1.5 V < VCM < (V+) – 1.5 V
126
148
(V–) + 1.5 V < VCM < (V+) – 1.5 V,
TA = –40°C to +105°C
119
INPUT CAPACITANCE
Differential
10 || 3.3
M
Ω || pF
Common-mode
3 || 0.5
T
Ω || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = ±2.25 V
(V–) + 1.25 V
≤ VO ≤ (V+) – 1.25 V,
RL = 10 kΩ
120
135
dB
(V–) + 1.25 V
≤ VO ≤ (V+) – 1.25 V,
RL = 10 kΩ, TA = –40℃ to +105℃
119
VS = ±18 V
(V–) + 1.25 V
≤ VO ≤ (V+) – 1.25 V,
RL = 10 kΩ
126
150
(V–) + 1.25 V
≤ VO ≤ (V+) – 1.25 V,
RL = 10 kΩ, TA = –40℃ to +105℃
126
VS = ±2.25 V
(V–) + 1.25 V
≤ VO ≤ (V+) – 1.25 V,
RL = 2 kΩ
120
133
(V–) + 1.25 V
≤ VO ≤ (V+) – 1.25 V,
RL = 2 kΩ, TA = –40℃ to +105℃
119
VS = ±18 V
(V–) + 1.25 V
≤ VO ≤ (V+) – 1.25 V,
RL = 2 kΩ
126
150
(V–) + 1.25 V
≤ VO ≤ (V+) – 1.25 V,
RL = 2 kΩ, TA = –40℃ to +105℃
126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com