Electronic Components Datasheet Search
  English  ▼

X  

OPA2182 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2182
Description  OPA2182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2182 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA2182 Datasheet HTML 7Page - Texas Instruments OPA2182 Datasheet HTML 8Page - Texas Instruments OPA2182 Datasheet HTML 9Page - Texas Instruments OPA2182 Datasheet HTML 10Page - Texas Instruments OPA2182 Datasheet HTML 11Page - Texas Instruments OPA2182 Datasheet HTML 12Page - Texas Instruments OPA2182 Datasheet HTML 13Page - Texas Instruments OPA2182 Datasheet HTML 14Page - Texas Instruments OPA2182 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
±
+
18 V
±18 V
±
+
18 V
±18 V
Strain Gauge
10 k
10 k
3.4 M
Vexc
5 V
Vout
OPA2182
OPA2182
11
OPA2182
www.ti.com
SBOS936 – DECEMBER 2019
Product Folder Links: OPA2182
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The OPA2182 operational amplifier combines precision offset and drift with excellent overall performance,
making the series a great choice for many precision applications. The precision offset drift of only 0.005 µV/°C
provides stability over the entire temperature range. In addition, the device pairs excellent CMRR, PSRR, and
AOL dc performance with outstanding low-noise operation. As with all amplifiers, applications with noisy or high-
impedance power supplies require decoupling capacitors close to the device pins. In most cases, 0.1-µF
capacitors are adequate.
The following application examples highlight only a few of the circuits where the OPA2182 can be used.
9.2 Typical Applications
9.2.1 Strain Gauge Analog Linearization
Figure 10. Bridge Sensor Analog Linearization With the OPA2182
9.2.1.1 Design Requirements
A strain gauge is used to measure an alteration due to external force through the use of electrical resistance in a
Wheatstone-bridge configuration. The Wheatstone bridge is used to measure very low values of resistances
down in the mΩ range, with precision. An excitation voltage is applied to the bridge, and the output voltage
across the middle of the bridge is measured. The total change in output voltage is relatively small, typically in the
mV range. Therefore, an op amp is used to amplify the signal. The OPA2182 is designed to construct high-
precision amplification.
Use the following parameters for this design example:
•
Use the op amp linear output operating range, which is usually specified under the AOL test conditions. The
common-mode voltage is equal to the input signal.
•
Use an op amp that does not add significant noise to the system or else the small output voltage from the
Wheatstone bridge will be lost.
•
The input signal must be gained; therefore, use an op amp with low input offset voltage (VOS)
•
The input signal must be gained; therefore, use an op amp with enough open-loop gain to provide the
required amplification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com