Electronic Components Datasheet Search
  English  ▼

X  

OPA2182 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2182
Description  OPA2182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2182 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA2182 Datasheet HTML 9Page - Texas Instruments OPA2182 Datasheet HTML 10Page - Texas Instruments OPA2182 Datasheet HTML 11Page - Texas Instruments OPA2182 Datasheet HTML 12Page - Texas Instruments OPA2182 Datasheet HTML 13Page - Texas Instruments OPA2182 Datasheet HTML 14Page - Texas Instruments OPA2182 Datasheet HTML 15Page - Texas Instruments OPA2182 Datasheet HTML 16Page - Texas Instruments OPA2182 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Linearized Bridge Pressure
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
-0.12
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
0.12
Linearized Bridge Pressure
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
0
0.5
1
1.5
2
2.5
3
3.5
4
Linearized Bridge Pressure
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
OS
out _ low
lin
p
ref
p
V
V
(1 G K
K (0))
V
G K (0)
u
u
u
u
out _ high
out _ low
p
lin
out _ high
ref
p
lin
out _ low
ref
V
V
G
K (1) (K
V
V
) K (0) (K
V
V
)
u
u
u
u
out _ high
lin
p
ref
p
out _ low
lin
p
ref
p
V
(1 G K
K (1)) V
G K (1)
V
(1 G K
K (0)) V
G K (0)
u
u
u
u
u
u
u
u
13
OPA2182
www.ti.com
SBOS936 – DECEMBER 2019
Product Folder Links: OPA2182
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Applications (continued)
Solving for VOS in both equations and combining results in Equation 7.
(7)
Solving for G gives Equation 8.
(8)
With both Klin and G now calculated, VOS can be solved as shown in Equation 9.
(9)
For a sensor with a KP of 0.0003 mV/V at no load, 0.0017 mV/V mid-scale and 0.00289 mV/V, the corresponding
nonlinearity is approximately 4%. Solving for Klin, G and VOS will give the values shown in Table 1.
Table 1. Example Bridge Calculations
Klin
0.173913
G
323.8178
VOS
-0.48573
9.2.1.3 Application Curves
Using the same KP values used above, the bridge's nonlinearity is simulated as 4% peak, the output is a linear 0
to 5V out and the corrected system nonlinearity is approximately ±0.1%.
Figure 12. Bridge Nonlinearity
Figure 13. Bridge Output
Figure 14. System Nonlinearity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com