Electronic Components Datasheet Search
  English  ▼

X  

THS4631 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # THS4631
Description  OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4631 Datasheet(HTML) 33 Page - Texas Instruments

Back Button THS4631 Datasheet HTML 29Page - Texas Instruments THS4631 Datasheet HTML 30Page - Texas Instruments THS4631 Datasheet HTML 31Page - Texas Instruments THS4631 Datasheet HTML 32Page - Texas Instruments THS4631 Datasheet HTML 33Page - Texas Instruments THS4631 Datasheet HTML 34Page - Texas Instruments THS4631 Datasheet HTML 35Page - Texas Instruments THS4631 Datasheet HTML 36Page - Texas Instruments THS4631 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
Time (10 ns/div)
-5
-2.5
0
2.5
5
7.5
BD_M
VIN
VO
VIN,Diff
MUX
+
ADC
OPA810
-
MUX
+
ADC
+
+
33
OPA810
www.ti.com
SBOS799A – AUGUST 2019 – REVISED DECEMBER 2019
Product Folder Links: OPA810
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9.2.3
Multichannel Sensor Interface
High-Z input amplifiers are particularly useful when interfaced with sensors that have relatively high output
impedance. Such multichannel systems usually interface these sensors with the signal chain through a
multiplexer. Figure 77 shows one such implementation using an amplifier for the interface with each sensor, and
driving into an ADC through a multiplexer. An alternate circuit, shown in Figure 78, can use a single higher
GBWP and fast-settling amplifier at the output of the multiplexer. This architecture gives rise to large signal
transients when switching between channels, where the settling performance of the amplifier and maximum
allowed differential input voltage limits signal chain performance and amplifier reliability, respectively.
Figure 77. Multichannel Sensor Interface Using Multiple Amplifiers
Figure 78. Multichannel Sensor Interface Using a Single Higher GBWP Amplifier
Figure 79 shows the output voltage and input differential voltage when a 8-V step is applied at the noninverting
terminal of the OPA810 configured as a unity-gain buffer of Figure 78.
Figure 79. Large-Signal Transient Response Using the OPA810
Because of the fast input transient, the amplifier is slew-limited and the inputs cease to track each other (a
maximum VIN,Diff of 7 V is shown in Figure 79) until the output reaches its final value and the negative feedback
loop is closed. For standard amplifiers with a 0.7-V to 1.5-V maximum VIN,Diff rating, current-limiting resistors
must be used in series with the input pins to protect the device from irreversible damage, which also limits the
device frequency response. The OPA810 has built-in input clamps that allow the application of as much as 7 V of
VIN,Diff, with no external resistors required and no damage to the device or a shift in performance specifications.
Such an input-stage architecture, coupled with its fast settling performance, makes the OPA810 a good fit for
multichannel sensor multiplexed systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com