Electronic Components Datasheet Search
  English  ▼

X  

THS4631 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # THS4631
Description  OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4631 Datasheet(HTML) 34 Page - Texas Instruments

Back Button THS4631 Datasheet HTML 30Page - Texas Instruments THS4631 Datasheet HTML 31Page - Texas Instruments THS4631 Datasheet HTML 32Page - Texas Instruments THS4631 Datasheet HTML 33Page - Texas Instruments THS4631 Datasheet HTML 34Page - Texas Instruments THS4631 Datasheet HTML 35Page - Texas Instruments THS4631 Datasheet HTML 36Page - Texas Instruments THS4631 Datasheet HTML 37Page - Texas Instruments THS4631 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
34
OPA810
SBOS799A – AUGUST 2019 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: OPA810
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
10 Power Supply Recommendations
The OPA810 is intended for operation on supplies ranging from 4.75 V to 27 V. The OPA810 can be operated on
single-sided supplies, split and balanced bipolar supplies, or unbalanced bipolar supplies. Operating from a
single supply can have numerous advantages. With the negative supply at ground, the DC errors resulting from
the –PSRR term can be minimized. Typically, AC performance improves slightly at 10-V operation with minimal
increase in supply current. Minimize the distance (< 0.1") from the power-supply pins to high-frequency, 0.01-µF
decoupling capacitors. A larger capacitor (2.2 µF typical) is used along with a high-frequency, 0.01-µF, supply-
decoupling capacitor at the device supply pins. For single-supply operation, only the positive supply has these
capacitors. When a split supply is used, use these capacitors from each supply to ground. If necessary, place the
larger capacitors further from the device and share these capacitors among several devices in the same area of
the printed circuit board (PCB). An optional supply decoupling capacitor across the two power supplies (for split-
supply operation) reduces second harmonic distortion.
11 Layout
11.1 Layout Guidelines
Achieving optimum performance with a high-frequency amplifier such as the OPA810 requires careful attention to
board layout parasitics and external component types. The OPA2810EVM can be used as a reference when
designing the circuit board. Recommendations that optimize performance include:
1. Minimize parasitic capacitance to any AC ground for all signal I/O pins. Parasitic capacitance on the output
and inverting input pins can cause instability—on the noninverting input, this capacitance can react with the
source impedance to cause unintentional band-limiting. To reduce unwanted capacitance, open a window
around the signal I/O pins in all ground and power planes around those pins. Otherwise, ground and power
planes must be unbroken elsewhere on the board.
2. Minimize the distance (< 0.1") from the power-supply pins to high-frequency, 0.01-µF decoupling
capacitors. At the device pins, do not allow the ground and power plane layout to be in close proximity to the
signal I/O pins. Avoid narrow power and ground traces to minimize inductance between the pins and the
decoupling capacitors. The power-supply connections must always be decoupled with these capacitors.
Larger (2.2-µF to 6.8-µF) decoupling capacitors, effective at lower frequency, must also be used on the
supply pins. These capacitors can be placed somewhat farther from the device and shared among several
devices in the same area of the PC board.
3. Careful selection and placement of external components preserve the high-frequency performance of
the OPA810. Resistors must be a low reactance type. Surface-mount resistors work best and allow a tighter
overall layout. Metal film and carbon composition axially leaded resistors can also provide good high-
frequency performance. Again, keep their leads and PCB trace length as short as possible. Never use
wirewound type resistors in a high-frequency application. Because the output pin and inverting input pin are
the most sensitive to parasitic capacitance, always position the feedback and series output resistor, if any, as
close as possible to the output pin. Other network components, such as noninverting input termination
resistors, must also be placed close to the package. Even with a low parasitic capacitance shunting the
external resistors, excessively high resistor values can create significant time constants that can degrade
performance. Good axial metal film or surface-mount resistors have approximately 0.2 pF in shunt with the
resistor. For resistor values greater than 10 kΩ, this parasitic capacitance can add a pole or zero close to the
GBWP of 70 MHz and subsequently affects circuit operation. Keep resistor values as low as possible and
consistent with load driving considerations. Lowering the resistor values keeps the resistor noise terms low,
and minimizes the effect of parasitic capacitance, however lower resistor values increase the dynamic power
consumption because RF and RG become part of the amplifiers output load network. Transimpedance
applications (see the Transimpedance Amplifier section) can use whatever feedback resistor is required by
the application as long as the feedback compensation capacitor is set considering all parasitic capacitance
terms on the inverting node.
4. Connections to other wideband devices on the board can be made with short direct traces or through
onboard transmission lines. For short connections, consider the trace and the input to the next device as a
lumped capacitive load. Relatively wide traces (50 mils to 100 mils) must be used, preferably with ground
and power planes opened up around them. Estimate the total capacitive load and set RS for sufficient phase
margin and stability. Low parasitic capacitive loads (< 10 pF) may not need an RS because the OPA810 is
nominally compensated to operate with a 10-pF parasitic load. Higher parasitic capacitive loads without an
RS are allowed with increase in signal gain (increasing the unloaded phase margin). If a long trace is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com