Electronic Components Datasheet Search
  English  ▼

X  

U244-001-VGA-R Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # U244-001-VGA-R
Description  USB 2.0 to VGA Dual-Monitor Adapter, 128 MB SDRAM, 1920 x 1080 (1080p) @ 60 Hz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U244-001-VGA-R Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  U244-001-VGA-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U244-001-VGA-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved U244-001-VGA-R Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
movies and playing video games
Add up to 6 adapters, each connected to its own USB 2.0 port, for a total of 7 displays
q
No external power supply necessary
q
No need to reboot system after adding or removing a monitor
q
Vibrant, Superior Video Quality
Supports high-definition video resolutions up to 1920 x 1080 (1080p) @ 60 Hz
q
Features 128 MB DDR SDRAM of memory
q
Uses DisplayLink DL-165 chipset
q
Resumes automatically from hibernation and suspend modes
q
PC and Mac Compatible
Works with 32- and 64-bit Windows 7 and later, Windows 10
q
Works with 32- and 64-bit Intel Mac OS X 10.8.3 and later, Mac 10.11
q
Works with Surface tablets running Windows 8 Pro or late
q
OVERVIEW
UPC Code
037332165107
INPUT
Bus Powered
Yes
PHYSICAL
Color
Black
Material of Construction
ABS
Shipping Dimensions (hwd / cm)
21.59 x 15.24 x 5.72
Shipping Dimensions (hwd / in.)
8.50 x 6.00 x 2.25
Shipping Weight (kg)
0.23
Shipping Weight (lbs.)
0.50
Unit Dimensions (hwd / in.)
0.71 x 3.3 x 2.2
Unit Packaging Type
Clamshell
Unit Weight (kg)
0.05
Unit Weight (lbs.)
0.12
ENVIRONMENTAL
Operating Temperature Range
50 to 104 F (10 to 40 C)
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com