Electronic Components Datasheet Search
  English  ▼

X  

U244-001-VGA-R Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # U244-001-VGA-R
Description  USB 2.0 to VGA Dual-Monitor Adapter, 128 MB SDRAM, 1920 x 1080 (1080p) @ 60 Hz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U244-001-VGA-R Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U244-001-VGA-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U244-001-VGA-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved U244-001-VGA-R Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USB 2.0 to VGA Dual-Monitor Adapter, 128 MB
SDRAM, 1920 x 1080 (1080p) @ 60 Hz
MODEL NUMBER: U244-001-VGA-R
Connect a VGA monitor or projector to the USB 2.0 port of your computer or laptop. Use up to 6 adapters
to connect up to 6 additional displays to a source. Ideal for multitasking, presentations and editing
documents.
Description
The U244-001-VGA-R USB 2.0 to VGA Dual-Monitor Adapter displays video on a VGA monitor or
projector via your computer or laptop’s USB 2.0 port. You can extend video from your primary display to
another, duplicate the same video on both displays or change the second display to your primary display.
The adapter is an ideal tool for multitasking, viewing large spreadsheets, editing documents, giving
presentations at trade shows or watching movies and playing games on large screens.
You can add up to six U244-001-VGA-R adapters, each attached to its own USB 2.0 port, to connect a
total of seven displays to the video source. Adding or removing a monitor is easy—no need to reboot the
system afterward. No external power supply is necessary. First, install the drivers using the included CD.
Then, connect the adapter to the display and the source using a VGA cable and the included USB 2.0
cable, respectively.
This USB-to-VGA converter supports high-definition video resolutions up to 1920 x 1080 (1080p) at 60 Hz
and features 128 MB DDR SDRAM of memory. Compatible with 32- and 64-bit Windows 7 and later,
Windows 10, as well as 32- and 64-bit Intel Mac OS X 10.8.3 and later, Mac 10.11. The adapter also
works with Surface tablets running Windows 8 Pro or later.
Features
Easy to Add Displays
Extend video to a second monitor, duplicate the same video on both monitors, or make the second
monitor your primary display
q
Ideal for multitasking, viewing spreadsheet data, editing documents, giving presentations, watching
q
Highlights
Extend video to a second
display or duplicate one video
on both
q
Add up to 6 adapters to connect
a total of 7 displays
q
No external power supply
needed
q
Supports HD video resolutions
up to 1920 x 1080 (1080p) @ 60
Hz
q
Compatible with Windows and
Mac computers
q
Compatible with Ubuntu 14.04.2
q
System Requirements
Computer with USB 2.0 port
q
VGA monitor
q
Windows 7 or later, Windows 10
(32- or 64-bit), Intel Mac OS X
10.8.3 or later, Mac 10.11 (32-
or 64-bit) or Surface tablet
running non-RT Windows 8 or
8.1
q
Package Includes
U244-001-VGA-R USB 2.0 to
VGA Dual-Monitor Adapter
q
USB cable, 3 ft.
q
Quick Start Guide
q
Driver CD with Owner’s Manual
q
1 / 3


Similar Part No. - U244-001-VGA-R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U244-001-VGA TRIPPLITE-U244-001-VGA Datasheet
511Kb / 2P
USB 2.0 to VGA Dual/Multi-Monitor External Video Graphics Card Adapter w/Built-In USB Cable, 128
More results

Similar Description - U244-001-VGA-R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U244001HDMIR TRIPPLITE-U244001HDMIR Datasheet
530Kb / 2P
USB 2.0 to HDMI Dual or Multi Monitor External Video Graphics Card Adapter, 128 MB SDRAM - 1920x1200,1080p
P116-006-HDMI-A TRIPPLITE-P116-006-HDMI-A Datasheet
180Kb / 3P
VGA Audio to HDMI Adapter Cable with USB Power, 1920 x 1080 (1080p) @ 60 Hz (M/M), 6 ft.
P131-000 TRIPPLITE-P131-000 Datasheet
162Kb / 2P
HDMI Male to VGA Female Adapter - 1920x1200 @ 60 Hz, 1080p
P131-000-A TRIPPLITE-P131-000-A Datasheet
175Kb / 2P
Compact HDMI to VGA Adapter with Audio (M/F), 1920 x 1200 (1080p) @ 60 Hz
P131-000-A-DISP TRIPPLITE-P131-000-A-DISP Datasheet
165Kb / 3P
HDMI to VGA Active Converter with Audio (F/M), 1920 x 1200 (1080p) @ 60 Hz
P131-06N-2VA-U TRIPPLITE-P131-06N-2VA-U Datasheet
166Kb / 3P
HDMI to VGA and Audio Adapter, 1080p - 1920 x 1080, 6 in., Black, TAA
U444-06N-VB-C TRIPPLITE-U444-06N-VB-C Datasheet
163Kb / 3P
USB-C to VGA Adapter with PD Charging - USB 3.1 Gen 1, 1920 x 1080 (1080p), Thunderbolt 3, Black
U344-001-VGA TRIPPLITE-U344-001-VGA Datasheet
171Kb / 3P
USB 3.0 SuperSpeed to VGA Adapter, 512MB SDRAM - 1920 x 1080,1080p
U344-001-DP TRIPPLITE-U344-001-DP Datasheet
171Kb / 3P
USB 3.0 SuperSpeed to DisplayPort Dual-Monitor Cable, 512 MB SDRAM, 2560 x 1600, 1080p
U244-001-R TRIPPLITE-U244-001-R Datasheet
178Kb / 3P
USB 2.0 to DVI/VGA External Multi-Monitor Video Card, 128 MB SDRAM, 1920 x 1080 (1080p) @ 60Hz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com