Electronic Components Datasheet Search
  English  ▼

X  

3200328 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3200328
Description  A 6 -12
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3200328 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3200328 Datasheet HTML 1Page - PHOENIX CONTACT 3200328 Datasheet HTML 2Page - PHOENIX CONTACT 3200328 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 3
http://www.phoenixcon.com
Mar 25, 2010
Extract from the online
catalog
 
A 6 -12
Order No.: 3200328
The figure shows variant A 1-6
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3200328
 
 
Ferrule, Length: 12 mm, Color: silver
 
Commercial data
EAN
4017918093976
Pack
500 pcs.
Customs tariff
85369010
Weight/Piece
0.00025 KG
Catalog page information
Page 661 (CL-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2005
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General
Length (b)
12 mm
Color
silver
Material
E-CU
Sleeve length
11 mm
Inner dimension of the insulating collar (d)
4.7 mm


Similar Part No. - 3200328

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3200328 PHOENIX-3200328 Datasheet
97Kb / 2P
Ferrules Without Insulating Collar According to DIN 46228-1
3200328 PHOENIX-3200328 Datasheet
97Kb / 2P
Ferrules Without Insulating Collar
3200328 PHOENIX-3200328 Datasheet
97Kb / 2P
Ferrules Without Insulating Collar
3200328 PHOENIX-3200328 Datasheet
97Kb / 2P
Ferrules Without Insulating Collar
3200328 PHOENIX-3200328 Datasheet
97Kb / 2P
Ferrules Without Insulating Collar
More results

Similar Description - 3200328

ManufacturerPart #DatasheetDescription
logo
Power-One
PSC3E122 POWER-ONE-PSC3E122 Datasheet
54Kb / 4P
6...12 A Switching Regulators
PSL5A10-7R POWER-ONE-PSL5A10-7R Datasheet
59Kb / 4P
6...12 A Switching Regulators
PSC POWER-ONE-PSC Datasheet
213Kb / 3P
6 to 12 A Switching Regulators
PSL POWER-ONE-PSL Datasheet
405Kb / 4P
6 to 12 A Switching Regulators
logo
Vishay Siliconix
VS-1N3879 VISHAY-VS-1N3879 Datasheet
140Kb / 9P
Fast Recovery Diodes (Stud Version), 6 A, 12 A
28-May-15
VS-6FL VISHAY-VS-6FL Datasheet
189Kb / 11P
Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
06-Mar-17
VS-1N387989 VISHAY-VS-1N387989 Datasheet
147Kb / 8P
Fast Recovery Diodes (Stud Version), 6 A, 12 A
11-Jan-18
VS-61216FL VISHAY-VS-61216FL Datasheet
187Kb / 11P
Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
11-Jan-18
VS-6FL VISHAY-VS-6FL_V01 Datasheet
188Kb / 11P
Fast Recovery Diodes(Stud Version), 6 A, 12 A, 16 A
11-Jan-18
VS-1N3879 VISHAY-VS-1N3879_V01 Datasheet
148Kb / 8P
Fast Recovery Diodes (Stud Version), 6 A, 12 A
11-Jan-18
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com