Electronic Components Datasheet Search
  English  ▼

X  

3200328 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3200328
Description  A 6 -12
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3200328 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3200328 Datasheet HTML 1Page - PHOENIX CONTACT 3200328 Datasheet HTML 2Page - PHOENIX CONTACT 3200328 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A 6 -12 Order No.: 3200328
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3200328
PHOENIX CONTACT Inc., USA
Page 2 / 3
http://www.phoenixcon.com
Mar 25, 2010
Ferrule diameter
3.5 mm
Sleeve wall thickness
0.2 mm
Certificates / Approvals
Certification
CSA, UCSA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com