Electronic Components Datasheet Search
  English  ▼

X  

11VR Datasheet(PDF) 2 Page - CTS Corporation

Part # 11VR
Description  11mm Panel Potentiometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

11VR Datasheet(HTML) 2 Page - CTS Corporation

  11VR Datasheet HTML 1Page - CTS Corporation 11VR Datasheet HTML 2Page - CTS Corporation 11VR Datasheet HTML 3Page - CTS Corporation 11VR Datasheet HTML 4Page - CTS Corporation 11VR Datasheet HTML 5Page - CTS Corporation 11VR Datasheet HTML 6Page - CTS Corporation 11VR Datasheet HTML 7Page - CTS Corporation 11VR Datasheet HTML 8Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2019 CTS® Corporation. Information/product(s) subject to change. No warranty that product(s) will meet the stated specifications for customer specific applications or test
equipment. Visit www.ctscorp.com for list of applicable patent(s), more information, or to request a quote.
Series 11VR
11mm Panel Potentiometer
2019-04-16 Rev. A
Page 2 of 8
Electrical Specifications
Min
Typical
Max
Unit
Total Resistance Tolerance
-20
–
+20
%
Power Rating
–
+0.05
–
watt
Operating Voltage
–
–
+50
+20
VAC
VDC
Residual Resistance
–
+30
–
Ω
Slider Noise
–
–
+100
mV
Tracking Error
Dual version only
-2
–
+2
dB
Insulation Resistance
Single
Dual
500 VDC for 1 min.
250 VDC for 1 min
+100
+100
–
–
–
–
MΩ
MΩ
Dielectric Strength
Single
Dual
500 VAC for 1 min., no arcing
250 VAC for 1 min., no arcing
Taper
Linear and audio options (see charts)
Mechanical
Total Mechanical Travel
300° ± 5°
Operating Torque
30 to 200 gf-cm
Shaft Wobble
Bushingless
With Bushing
0.7 x L/20mm p-p max.; L = Shaft Length
0.7 x L/30mm p-p max.; L = Shaft Length
Shaft Push-Pull Strength
8 kgf for 3 sec.
Stop Strength
5 kgf-cm min.
Detent Position
150° ± 5°
Detent Torque
30 to 300 gf-cm
Rotational Life
15,000 cycles
Panel Nut Tightening Torque
10 kgf-cm
IP Rating
40
Mounting Hardware
One flat washer and one mounting hex nut supplied with bushing option
Packaging
Tray
Weight
3 grams
Environmental
Min
Typical
Max
Unit
Operating Temperature
-10
–
+70
°C
Storage Temperature
-30
–
+70
°C
Soldering Conditions
Wave Solder
Manual Solder
Wash
Preheat: 100°C max for 2 min max; Solder temperature: 260°C ± 5°C for 5 sec max.;
No clean foam flux recommended
350°C ± 5°C for 3 sec max.; Sn95Ag5 no clean solder
Not recommended
Moisture Sensitivity Level
1
ESD Classification (HBM)
Not applicable
All testing is performed at room ambient conditions except as noted. Users should verify device actual performance in their specific applications
This product is compliant to RoHS3 Directive 2015/863 Amendments of Annex II on 31 March 2015, and REACH SVHC Directive EC 1907/2006 Amendments of
Annex XIV & Annex XVII on 15 January 2018.
Custom and value-added options available on request. Please contact your sales representative for additional information.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com