Electronic Components Datasheet Search
  English  ▼

X  

11VR Datasheet(PDF) 1 Page - CTS Corporation

Part # 11VR
Description  11mm Panel Potentiometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

11VR Datasheet(HTML) 1 Page - CTS Corporation

  11VR Datasheet HTML 1Page - CTS Corporation 11VR Datasheet HTML 2Page - CTS Corporation 11VR Datasheet HTML 3Page - CTS Corporation 11VR Datasheet HTML 4Page - CTS Corporation 11VR Datasheet HTML 5Page - CTS Corporation 11VR Datasheet HTML 6Page - CTS Corporation 11VR Datasheet HTML 7Page - CTS Corporation 11VR Datasheet HTML 8Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2019 CTS® Corporation. Information/product(s) subject to change. No warranty that product(s) will meet the stated specifications for customer specific applications or test
equipment. Visit www.ctscorp.com for list of applicable patent(s), more information, or to request a quote.
2019-04-16 Rev. A
Page 1 of 8
Series 11VR
11mm Panel Potentiometer
Compact 11 mm package size
Rotational life (15,000 cycles)
Wide temperature range (-10°C to +70°C)
Single and dual output options
Applications
Consumer portable electronics
Commercial appliances
Instrument amplifiers and guitar effects
Keyboards and synthesizers
Communications equipment
Ordering Information
Code Spec.**
A2
10% Log
A3
15% Log
B1
linear
C3
15% Antilog
Code Spec.
2
300°
Code
Spec.
X
Horizontal/Side Mount
Bushingless, PC Pins,
10mm Height
H
Vertical/Rear Mount
Thread Bushing, PC Pins
K
Vertical/Rear Mount
Sleeve Bushing, PC Pins
Y
Horizontal/Side Mount
Thread Bushing, PC Pins,
10mm Height
U
Vertical/Rear Mount
Bushingless, PC Pins
Code Spec.*
12
12.5 mm
15
15 mm
17
17.5 mm
20
20 mm
22
22.5 mm
25
25 mm
27
27.5 mm
30
30 mm
Code
Spec.
N
No Detent
C
Center Detent
Code
Spec.
B
Knurled
(18 teeth)
F
Flatted
Code
Spec.
502
5kΩ
103
10kΩ
203
20kΩ
503
50kΩ
104
100kΩ
254
250kΩ
504
500kΩ
* See shaft trim options for available lengths.
** Other JIS tapers are available. See charts.
Code Spec.
1
Single
2
Dual
Series
Element
Terminal
Configuration
Shaft
Length
Shaft
Trim
Mechanical
Travel
Detent
Option
Resistance
Code
Resistance
Taper
11VR
1
H
20
F
2
N
103
B1


Similar Description - 11VR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RK117 ETC1-RK117 Datasheet
128Kb / 5P
11mm Size Metal Shaft Low-profile Potentiometer
logo
Bourns Electronic Solut...
PTV111 BOURNS-PTV111 Datasheet
112Kb / 2P
11mm Potentiometer
logo
Vishay Siliconix
PE60 VISHAY-PE60 Datasheet
123Kb / 5P
Power Panel Potentiometer
05-Jun-08
logo
Bi technologies
P110KV BITECH-P110KV_12 Datasheet
92Kb / 5P
11mm Rotary Potentiometer
logo
TT Electronics.
P08X TTELEC-P08X Datasheet
1Mb / 7P
Panel Potentiometer
P09X TTELEC-P09X Datasheet
976Kb / 6P
Panel Potentiometer
P090 TTELEC-P090 Datasheet
546Kb / 3P
Panel Potentiometer
P110 TTELEC-P110 Datasheet
629Kb / 4P
Panel Potentiometer
logo
CTS Corporation
09VR CTS-09VR Datasheet
1Mb / 7P
9mm Panel Potentiometer
14VR CTS-14VR Datasheet
922Kb / 5P
14mm Panel Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com