Electronic Components Datasheet Search
  English  ▼

X  

CS42L51 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS42L51
Description  Low Power, Stereo CODEC with Headphone Amp
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L51 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS42L51 Datasheet HTML 45Page - Cirrus Logic CS42L51 Datasheet HTML 46Page - Cirrus Logic CS42L51 Datasheet HTML 47Page - Cirrus Logic CS42L51 Datasheet HTML 48Page - Cirrus Logic CS42L51 Datasheet HTML 49Page - Cirrus Logic CS42L51 Datasheet HTML 50Page - Cirrus Logic CS42L51 Datasheet HTML 51Page - Cirrus Logic CS42L51 Datasheet HTML 52Page - Cirrus Logic CS42L51 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 83 page
background image
DS679A2
49
CS42L51
Tri-State Serial Port Interface (3ST_SP)
Default: 0
0 - Disable
1 - Enable
Function:
When enabled, and the device is configured as a master, then all Serial Port interface signals will be placed
in a high-impedance output state. If the serial port interface is configured as a slave, only the SDOUT pin
will be placed in a high-impedance state. The other signals will remain as inputs.
Power Down MIC X (PDN_MICX)
Default: 1
0 - Disable
1 - Enable
Function:
When enabled, the microphone pre-amplifier for channel x will be in a power down state.
Power Down MIC BIAS (PDN_MICBIAS)
Default: 1
0 - Disable
1 - Enable
Function:
When enabled, the microphone bias circuit will be in a power down state.
MCLK Divide By 2 (MCLKDIV2)
Default: 0
0 - Disabled
1 - Divide by 2
Function:
Divides the input MCLK by 2 prior to all internal circuitry. This bit is ignored when the AUTO bit is disabled
in slave mode.
6.4
Interface Control (Address 04h)
SDOUT to SDIN Loopback (SDOUT->SDIN)
Default: 0
0 - Disabled; SDOUT internally disconnected from SDIN
1 - Enabled; SDOUT internally connected to SDIN
Function:
Internally loops the signal on the SDOUT pin to SDIN.
Master/Slave Mode (M/S)
Default: 0
0 - Slave
1 - Master
Function:
Selects either master or slave operation for the serial port.
7
6
5
432
10
SDOUT->SDIN
M/S
DAC_DIF2
DAC_DIF1
DAC_DIF0
ADC_I²S/LJ
DIGMIX
MICMIX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com