Electronic Components Datasheet Search
  English  ▼

X  

CS42L51 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS42L51
Description  Low Power, Stereo CODEC with Headphone Amp
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L51 Datasheet(HTML) 4 Page - Cirrus Logic

  CS42L51 Datasheet HTML 1Page - Cirrus Logic CS42L51 Datasheet HTML 2Page - Cirrus Logic CS42L51 Datasheet HTML 3Page - Cirrus Logic CS42L51 Datasheet HTML 4Page - Cirrus Logic CS42L51 Datasheet HTML 5Page - Cirrus Logic CS42L51 Datasheet HTML 6Page - Cirrus Logic CS42L51 Datasheet HTML 7Page - Cirrus Logic CS42L51 Datasheet HTML 8Page - Cirrus Logic CS42L51 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 83 page
background image
4
DS679A2
CS42L51
4.5.3 High-Impedance Digital Output ........................................................................... 38
4.5.4 Quarter- and Half-Speed Mode ........................................................................... 39
4.6 Digital Interface Formats ................................................................................................. 39
4.7 Initialization ...................................................................................................................... 40
4.8 Recommended Power-Up Sequence .............................................................................. 40
4.9 Recommended Power-Down Sequence ......................................................................... 41
4.10 Software Mode .............................................................................................................. 42
4.10.1 SPI Control ........................................................................................................ 42
4.10.2 I²C Control ......................................................................................................... 42
4.10.3 Memory Address Pointer (MAP) ....................................................................... 44
4.10.3.1 Map Increment (INCR) .......................................................................... 44
5. REGISTER QUICK REFERENCE .......................................................................................... 45
6. REGISTER DESCRIPTION .................................................................................................... 47
6.1 Chip I.D. and Revision Register (Address 01h) (Read Only) ........................................... 47
6.2 Power Control 1 (Address 02h) ....................................................................................... 47
6.3 MIC Power Control & Speed Control (Address 03h) ...................................................... 48
6.4 Interface Control (Address 04h) ...................................................................................... 49
6.5 MIC Control (Address 05h) .............................................................................................. 51
6.6 ADC Control (Address 06h) ............................................................................................. 52
6.7 ADCx Input Select, Invert & Mute (Address 07h) ............................................................ 53
6.8 DAC Output Control (Address 08h) ................................................................................. 54
6.9 DAC Control (Address 09h) ............................................................................................. 55
6.10 ALCX & PGAX Control:
ALCA, PGAA (Address 0Ah) & ALCB, PGAB (Address 0Bh) ..................................... 56
6.11 ADCx Attenuator:
ADCA (Address 0Ch) & ADCB (Address 0Dh) ............................................................ 57
6.12 ADCx Mixer Volume Control:
ADCA (Address 0Eh) & ADCB (Address 0Fh) ............................................................. 58
6.13 PCMX Mixer Volume Control:
PCMA (Address 10h) & PCMB (Address 11h) ............................................................. 59
6.14 Beep Frequency & Timing Configuration (Address 12h) ............................................... 60
6.15 Beep Off Time & Volume (Address 13h) ....................................................................... 61
6.16 Beep Configuration & Tone Configuration (Address 14h) ............................................. 62
6.17 Tone Control (Address 15h) .......................................................................................... 63
6.18 AOUTx Volume Control:
AOUTA (Address 16h) & AOUTB (Address 17h) ......................................................... 64
6.20 Limiter Threshold SZC Disable (Address 19h) .............................................................. 65
6.21 Limiter Release Rate Register (Address 1Ah) ............................................................... 66
6.22 Limiter Attack Rate Register (Address 1Bh) .................................................................. 67
6.23 ALC Enable & Attack Rate (Address 1Ch) .................................................................... 67
6.24 ALC Release Rate (Address 1Dh) ................................................................................. 68
6.25 ALC Threshold (Address 1Eh) ....................................................................................... 69
6.26 Noise Gate Configuration & Misc. (Address 1Fh) .......................................................... 70
6.27 Status (Address 20h) (Read Only) ................................................................................ 71
6.28 Charge Pump Frequency (Address 21h) ....................................................................... 71
7. ANALOG PERFORMANCE PLOTS ...................................................................................... 72
7.1 Headphone THD+N versus Output Power Plots ............................................................. 72
7.2 ADC_FILT+ Capacitor Effects on THD+N ....................................................................... 74
8. EXAMPLE SYSTEM CLOCK FREQUENCIES ...................................................................... 75
8.1 Auto Detect Enabled ........................................................................................................75
8.2 Auto Detect Disabled .......................................................................................................76
9. PCB LAYOUT CONSIDERATIONS ....................................................................................... 77
9.1 Power Supply, Grounding ................................................................................................ 77
9.2 QFN Thermal Pad ........................................................................................................... 77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com