Electronic Components Datasheet Search
  English  ▼

X  

FTB772T Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTB772T
Description  TRANSISTOR (PNP)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTB772T Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTB772T Datasheet HTML 1Page - First Silicon Co., Ltd FTB772T Datasheet HTML 2Page - First Silicon Co., Ltd FTB772T Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2015. 4. 14
1/3
SEMICONDUCTOR
TECHNICAL DATA
FTB772T
Revision No : 0
TRANSISTOR (PNP)
FEATURES
Power Dissipation:1.25W
Low Collector-emitter Saturation Voltage
MAXIMUM RATINGS (Ta=25℃ unless otherwise not)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-40
V
VCEO
Collector-Emitter Voltage
-30
V
VEBO
Emitter-Base Voltage
-6
V
IC
Collector Current -Continuous
-3
A
PC
Collector Dissipation
1.25
W
Tstg
Storage Temperature
-55~+150
℃
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
s
n
o
i
t
i
d
n
o
c
t
s
e
T
l
o
b
m
y
S
Min
Typ
Max
Unit
Collector -base breakdown voltage
V(BR)CBO
Ic=-100uA , IE=0
-40
V
Collector -emitter breakdown voltage
V(BR)CEO
IC=-10mA, I B=0
-30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100μA,IC=0
-6
V
Collector cut-off current
ICBO
VCB=-40 V, IE =0
-1
μA
Collector cut-off current
ICEO
VCE=-30V , IB=0
-10
μA
Emitter cut-off current
IEBO
VEB=-6V,I C =0
-1
μA
hFE(1)
VCE=-2V,IC=-1A
60
400
DC current gain
hFE(2)
VCE=-2V,IC=-100mA
32
Collector -emitter saturation voltage
VCE(sat)
I C=-2A,IB =-0.2A
-0.5
V
Base-emitter saturation voltage
VBE(sat)
I C=-2A,IB =-0.2A
-1.5
V
Transition frequency
fT
VCE=-5V,I C =-0.1A
f=10MHz
50
MHz
CLASSIFICATION of hFE(1)
Rank
R
O
Y
GR
Range
60-120
100-200
160-320
200-400
SOT-223
1. BASE
2. COLLECTOR
3. EMITTER
TJ
JunctionTemperature
150
℃
RӨJA
Thermal Resistance from Junction to Ambient
100
℃/W
MARKING:
Solid dot = Green molding compound device,
if none,the normal device.


Similar Part No. - FTB772T

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTB772 FS-FTB772 Datasheet
117Kb / 2P
AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
FTB772D FS-FTB772D Datasheet
250Kb / 2P
TRANSISTOR
FTB772F FS-FTB772F Datasheet
345Kb / 2P
PNP TRANSISTOR
FTB772S FS-FTB772S Datasheet
251Kb / 2P
TRANSISTOR
More results

Similar Description - FTB772T

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com