Electronic Components Datasheet Search
  English  ▼

X  

FTB772T Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTB772T
Description  TRANSISTOR (PNP)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTB772T Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTB772T Datasheet HTML 1Page - First Silicon Co., Ltd FTB772T Datasheet HTML 2Page - First Silicon Co., Ltd FTB772T Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2015. 4. 14
2/3
FTB772T
Revision No : 0
0
25
50
75
100
125
150
0.00
0.25
0.50
0.75
1.00
1.25
1.50
-10
-100
1
10
100
-1
-10
-100
-1000
10
100
1000
-0
-3
-6
-9
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-1
-10
-100
-1000
-1
-10
-100
-1000
1
10
100
1000
-10
-100
-1000
-0.1
-1
-10
10
100
1000
-0
-200
-400
-600
-800
-1000
-1200
-1
-10
-100
-1000
AMBIENT TEMPERATURE T
a
( )
℃
P
c
——
T
a
-5
500
COLLECTOR CURRENT I
C
(mA)
V
CE=-5V
T
a=25
oC
I
C
f
T
——
-3000
-20
3000
COMMON EMITTER
V
CE= -2V
-3000
-3000
-3000
COLLECTOR CURRENT I
C
(mA)
T
a=25
oC
T
a=100
℃
I
C
h
FE
——
-3000
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
I
B=-1mA
-2mA
-3mA
-4mA
-5mA
-6mA
-7mA
-8mA
-9mA
-10mA
COMMON
EMITTER
T
a=25
℃
β=10
T
a=25
℃
T
a=100
℃
V
CEsat
——
I
C
COLLECTOR CURRENT I
C
(mA)
-
-
-
-
β=10
COLLECTOR CURRENT I
C
(mA)
T
a=100
℃
T
a=25
℃
I
C
V
BEsat
——
C
ob
C
ib
f=1MHz
I
E=0 / IC=0
T
a=25
oC
V
CB /
V
EB
C
ob
/ C
ib
——
REVERSE VOLTAGE V (V)
COMMON EMITTER
V
CE= -2V
BASE-EMITTER VOLTAGE
V
BE(mV)
V
BE
——
I
C
Typical Characteristics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com