| Electronic Components Datasheet Search |
|
CS4922-CL Datasheet(PDF) 20 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS4922-CL Datasheet(HTML) 20 Page - Cirrus Logic |
|
20 / 34 page ![]() CS4922 20 lowing the falling edge. For I2C the REQ line will be de-asserted immediately following the rising edge of the last data bit of the current byte being transferred, if there is no data in the SCPOUT reg- ister. The REQ line is guaranteed to stay de-assert- ed (high) until the rising edge of the SCL/SCK for the ACK. This signals the host that the transfer is complete. If there is data placed in SCPOUT prior to the ris- ing edge of SCL/SCK for the last data bit, then REQ will remain asserted (low). Immediately fol- lowing the falling edge of SCL/SCK for the ACK, the new data byte will be loaded into the serial shift register. The host should continue to read this new byte. It is important to note that once the data is in the shift register, clocks on the SCL/SCK line will shift the data bits out of the shift register. A STOP condition on the bus will not prevent this from oc- curring. The host must read the byte prior to any other bus activity or the data will be lost. If data is placed in SCPOUT after the rising edge of SCL/SCK for the last data bit, but before the rising edge of SCL/SCK for the ACK, REQ will not be asserted until after the rising edge of SCL/SCK for the ACK. This should be treated as a completed transfer. The data written to SCPOUT will not be loaded into the shift register on the falling edge of SCL/SCK for the ACK. Therefore, a new read op- eration is required to read this byte. 4.7.2 Rise Time on SCL/SCK The Philips I2C bus specification allows for rise times of the SCL/SCK line up to 1 µs. The CS4922 does not meet this specification. If the I2C bus mas- ter(s) has a rise time in excess of 50 ns the CS4922 will be unable to reliably communicate across the bus. In some systems a stronger pull-up resistor on the SCL/SCK line will provide the rise time needed for proper operation, but this is only helpful when the current rise time is near 50 ns. In cases where the CS4922 will be used in a system where a longer rise time on SCL/SCK is expected, a CMOS com- patible buffer should be used. Figure 15 shows the necessary connections. Note the buffer is only used for the SCL/SCK connecting directly to the CS4922. Other devices on the I2C bus may need to hold SCL/SCK low while accepting data. 4.7.3 SPI mode The status of CS sets the mode of the SCP during a hardware and software reset. If CS is low during a reset the mode is SPI. It is important to note that CS should be low when either a hardware of software reset is issued to ensure the mode remains SPI. AD6 AD5 AD4 AD3 AD2 AD1 AD0 R/W ACK D7 D6 D5 D4 D3 D2 D1 D0 SDA SCL/SCK SDA SCL/SCK Start Stop REQ REQ Figure 14. Control Port Timing, I2C® Read |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |