Electronic Components Datasheet Search
  English  ▼

X  

CS4922-CL Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS4922-CL
Description  MPEG/G.729A AUDIO DECODER SYSTEM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4922-CL Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS4922-CL Datasheet HTML 18Page - Cirrus Logic CS4922-CL Datasheet HTML 19Page - Cirrus Logic CS4922-CL Datasheet HTML 20Page - Cirrus Logic CS4922-CL Datasheet HTML 21Page - Cirrus Logic CS4922-CL Datasheet HTML 22Page - Cirrus Logic CS4922-CL Datasheet HTML 23Page - Cirrus Logic CS4922-CL Datasheet HTML 24Page - Cirrus Logic CS4922-CL Datasheet HTML 25Page - Cirrus Logic CS4922-CL Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
CS4922
22
The 8 bit value in the serial shift register is shifted
out by the master. The data is valid on the rising
edge of SCL/SCK and transitions immediately fol-
lowing the falling edge. For SPI, the REQ line will
be de-asserted immediately following the rising
edge of the second to last data bit, of the current
byte being transferred, if there is no data in the
SCPOUT register. The REQ line is guaranteed to
stay de-asserted (high) until the rising edge of the
SCL/SCK for the last data bit. This signals the host
that the transfer is complete.
If there is data placed in SCPOUT prior to the ris-
ing edge of SCL/SCK for the second to last data bit,
then REQ will remain asserted (low). Immediately
following the falling edge of SCL/SCK for the last
data bit, the new data byte will be loaded into the
serial shift register. The host should continue to
read this new byte. It is important to note that once
the data is in the shift register, clocks on the
SCL/SCK line will shift the data bits out of the shift
register. The host should read the byte prior to any
other bus activity or the data will be lost. If CS is
de-asserted SCK/SCL will not shift the data out.
However the data is still in the shift register. Once
CS becomes active (low) each SCL/SCK will shift
the data out of the register.
If data is placed in SCPOUT after the rising edge of
SCL/SCK for the second to last data bit, but before
the rising edge of SCL/SCK for the last data bit,
REQ will not be asserted until after the rising edge
of SCL/SCK for the last data bit. This should be
treated as a completed transfer. The data written to
SCPOUT will not be loaded into the shift register
on the falling edge of SCL/SCK for the last data bit.
Therefore, a new read operation is required to read
this byte.
4.8 External Flag Pins
The CS4922 has four external flag pins: XF1-XF4.
An external pull-up (2.2 k
Ω typical) is required for
proper operation on each pin. The usage of the XF
pins is completely defined by the application code
running on the CS4922.
The MPEG application, for example, uses XF1 as a
compressed data throttle indicator. When the XF1
pin is low, the host may continue to send com-
pressed data to the CS4922. When XF1 is high, the
CS
SCL/SCK
CS
SCL/SCK
CDIN
CDIN
AD6
AD5
AD4
AD3
AD2
AD1
AD0
R/W
CDOUT
D7
REQ
CDOUT
D6
D5
D4
D3
D2
D1
D0
REQ
Figure 17. Control Port Timing, SPI Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com