Electronic Components Datasheet Search
  English  ▼

X  

CS8427 Datasheet(PDF) 54 Page - Cirrus Logic

Part # CS8427
Description  96 kHz Digital Audio Interface Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427 Datasheet(HTML) 54 Page - Cirrus Logic

Back Button CS8427 Datasheet HTML 50Page - Cirrus Logic CS8427 Datasheet HTML 51Page - Cirrus Logic CS8427 Datasheet HTML 52Page - Cirrus Logic CS8427 Datasheet HTML 53Page - Cirrus Logic CS8427 Datasheet HTML 54Page - Cirrus Logic CS8427 Datasheet HTML 55Page - Cirrus Logic CS8427 Datasheet HTML 56Page - Cirrus Logic CS8427 Datasheet HTML 57Page - Cirrus Logic CS8427 Datasheet HTML 58Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 59 page
background image
CS8427
54
DS477F3
19. APPENDIX C: PLL FILTER
19.1
General
An on-chip Phase Locked Loop (PLL) is used to re-
cover the clock from the incoming data stream.
Figure 30 is a simplified diagram of the PLL in
these parts. When the PLL is locked to an AES3 in-
put stream, it is updated at each preamble in the
AES3 stream. This occurs at twice the sampling
frequency, FS. When the PLL is locked to ILRCK,
it is updated at FS so that the duty cycle of the input
doesn’t affect jitter.
There are some applications where low jitter in the
recovered clock, presented on the RMCK pin, is
important. For this reason, the PLL has been de-
signed to have good jitter attenuation characteris-
tics, as shown in Figure 33, Figure 34, Figure 35,
and Figure 36. In addition, the PLL has been de-
signed to only use the preambles of the AES3
stream to provide lock update information to the
PLL. This results in the PLL being immune to data
dependent jitter affects because the AES3 pream-
bles do not vary with the data.
The PLL has the ability to lock onto a wide range of
input sample rates with no external component
changes. If the sample rate of the input subse-
quently changes, for example in a varispeed appli-
cation, the PLL will only track up to ±12.5% from
the nominal center sample rate. The nominal cen-
ter sample rate is the sample rate that the PLL first
locks onto upon application of an AES3 data
stream or after enabling the CS8427 clocks by set-
ting the RUN control bit. If the 12.5% sample rate
limit is exceeded, the PLL will return to its wide lock
range mode and re-acquire a new nominal center
sample rate.
Phase
Comparator
and Charge Pump
÷N
VCO
RMCK
INPUT
Crip
Cfilt
Rfilt
Figure 30. PLL Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com