Electronic Components Datasheet Search
  English  ▼

X  

CS8427 Datasheet(PDF) 57 Page - Cirrus Logic

Part # CS8427
Description  96 kHz Digital Audio Interface Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427 Datasheet(HTML) 57 Page - Cirrus Logic

Back Button CS8427 Datasheet HTML 51Page - Cirrus Logic CS8427 Datasheet HTML 52Page - Cirrus Logic CS8427 Datasheet HTML 53Page - Cirrus Logic CS8427 Datasheet HTML 54Page - Cirrus Logic CS8427 Datasheet HTML 55Page - Cirrus Logic CS8427 Datasheet HTML 56Page - Cirrus Logic CS8427 Datasheet HTML 57Page - Cirrus Logic CS8427 Datasheet HTML 58Page - Cirrus Logic CS8427 Datasheet HTML 59Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 57 / 59 page
background image
CS8427
DS477F3
57
19.3.3
Locking to the ILRCK Input
CS8427 parts that are configured to lock to the IL-
RCK input should use the external PLL component
values listed in Table 8. Note that parts that need
to lock to both ILRCK and RXP/RXN should use
these values. Values listed for the 32 to 96 kHz Fs
range will have the highest corner frequency jitter
attenuation curve, take the shortest time to lock,
and offer the best output jitter performance.
19.3.4
Jitter Tolerance
Shown in Figure 32 is the Receiver Jitter Tolerance
template as illustrated in the AES3 and IEC60958-
4 specification. CS8427 parts used with the appro-
priate external PLL component values (as noted in
Table 7) have been tested to pass this template.
Revision
Fs Range
(kHz)
RFILT (kΩ)CFILT (µF) CRIP (nF) PLL Lock Time (ms)
A
8 to 96
1.3
2.7
62
120
A
32-96
5.1
0.15
3.9
70
A1/A2
8 to 96
0.3
1.0
100
120
A1/A2
32-96
0.6
0.22
22
70
Table 8. Locking to the ILRCK Input
Figure 32. Jitter Tolerance Template



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com