Electronic Components Datasheet Search
  English  ▼

X  

CS42416 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS42416
Description  110 dB, 192kHz 6-Ch CODEC WITH PLL
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42416 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS42416 Datasheet HTML 11Page - Cirrus Logic CS42416 Datasheet HTML 12Page - Cirrus Logic CS42416 Datasheet HTML 13Page - Cirrus Logic CS42416 Datasheet HTML 14Page - Cirrus Logic CS42416 Datasheet HTML 15Page - Cirrus Logic CS42416 Datasheet HTML 16Page - Cirrus Logic CS42416 Datasheet HTML 17Page - Cirrus Logic CS42416 Datasheet HTML 18Page - Cirrus Logic CS42416 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 67 page
background image
15
CS42416
sample rate applications are shown in Table 1. The lock time is the worst case for an Fs transition from un-
locked state to locking to 192 kHz.
It is important to treat the LPFLT pin as a low level analog input. It is suggested that the ground end of the
PLL filter be returned directly to the AGND pin independently of the digital ground plane.
3.4.2
OMCK System Clock Mode
A special clock switching mode is available that allows the clock that is input through the OMCK pin to
be used as the internal master clock. This feature is controlled by the SW_CTRLx bits in register “Clock
Control (address 06h)” on page 37. An advanced auto switching mode is also implemented to maintain
master clock functionality. The clock auto switching mode allows the clock input through OMCK to be
used as a clock in the system without any disruption when the PLL loses lock, for example, when the
LRCK is removed from ADC_LRCK. This clock switching is done glitch free.
3.4.3
Master Mode
In master mode, the serial interface timings are derived from an external clock attached to OMCK or the
output of the PLL with an input reference to the ADC_LRCK input from the ADC serial port. The DAC
Serial Port and ADC Serial Port can both be masters only when OMCK is used as the clock source. When
using the PLL output, the ADC Serial Port must be slave and the DAC Serial Port can operate in Master
Mode. Master clock selection and operation is configured with the SW_CTRL1:0 and CLK_SEL bits in
the Clock Control Register (See “Clock Control (address 06h)” on page 37).
The sample rate to OMCK ratios and OMCK frequency requirements for Master mode operation are
shown in Table 2.
3.4.4
Slave Mode
In Slave mode, DAC_LRCK, DAC_SCLK and/or ADC_LRCK and ADC_SCLK operate as inputs. The
Left/Right clock signal must be equal to the sample rate, Fs and must be synchronously derived from the
supplied master clock, OMCK or must be synchronous to the supplied ADC_LRCK used as the input to
Fs Range (kHz) RFILT (k
Ω) CFILT (pF) CRIP (pF) Settling time
32 to 192
10
2700
680
11 ms
Table 1. PLL External Component Values
Sample
Rate
(kHz)
OMCK (MHz)
Single Speed
(4 to 50 kHz)
Double Speed
(50 to 100 kHz)
Quad Speed
(100 to 192 kHz)
256x
384x
512x
128x
192x
256x
64x
96x
128x
48
12.2880
18.4320 24.5760
----
--
96
-
-
-
12.2880 18.4320 24.5760
-
-
-
192
-
-
-
-
-
-
12.2880 18.4320 24.5760
Table 2. Common OMCK Clock Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com