Electronic Components Datasheet Search
  English  ▼

X  

CS42416 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS42416
Description  110 dB, 192kHz 6-Ch CODEC WITH PLL
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42416 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS42416 Datasheet HTML 26Page - Cirrus Logic CS42416 Datasheet HTML 27Page - Cirrus Logic CS42416 Datasheet HTML 28Page - Cirrus Logic CS42416 Datasheet HTML 29Page - Cirrus Logic CS42416 Datasheet HTML 30Page - Cirrus Logic CS42416 Datasheet HTML 31Page - Cirrus Logic CS42416 Datasheet HTML 32Page - Cirrus Logic CS42416 Datasheet HTML 33Page - Cirrus Logic CS42416 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 67 page
background image
CS42416
30
4 REGISTER QUICK REFERENCE
Addr
Function
76543
2
1
0
01h
ID
Chip_ID3
Chip_ID2
Chip_ID1
CHIP_ID0
Rev_ID3
Rev_ID2
Rev_ID1
Rev_ID0
default
1
1
1
1
0
0
1
1
02h
Power Control
Reserved
PDN_PLL
PDN_ADC
Reserved
PDN_DAC3 PDN_DAC2 PDN_DAC1
PDN
default
0
0
0
0
0
0
0
1
03h
Functional Mode
DAC_FM1
DAC_FM0
ADC_FM1
ADC_FM0
Reserved
ADC_CLK
SEL
DAC_DEM
Reserved
default
0
0
0
0
0
0
0
0
04h
Interface Formats
DIF1
DIF0
ADC_OL1
ADC_OL0
DAC_OL1
DAC_OL0
Reserved
CODEC_RJ16
default
0
1
0
0
0
0
0
0
05h
Misc Control
Ext ADC
SCLK
HiZ_RMCK
Reserved
FREEZE
FILTSEL
HPF_
FREEZE
DAC_SP
M/S
ADC_SP
M/S
default
0
0
0
0
0
0
1
1
06h
Clock Control
RMCK_DIV1 RMCK_DIV0
OMCK
Freq1
OMCK
Freq0
PLL_LRCK
SW_CTRL1 SW_CTRL0 FRC_PLL_LK
default
0
0
0
0
0
0
1
0
07h
OMCK/PLL_CLK
Ratio
RATIO7
RATIO6
RATIO5
RATIO4
RATIO3
RATIO2
RATIO1
RATIO0
default
X
X
X
X
X
X
X
X
08h
Clock Status
Reserved
Reserved
Reserved
Reserved
Active_CLK
PLL_CLK2
PLL_CLK1
PLL_CLK0
default
X
X
X
X
X
X
X
X
09h-
0Ch
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
default
X
X
X
X
X
X
X
X
0Dh
Volume Control
Reserved
SNGVOL
SZC1
SZC0
AMUTE
Reserved
RAMP_UP
RAMP_DN
default
0
0
0
0
1
0
0
0
0Eh
Channel Mute
Reserved
Reserved
B3_MUTE
A3_MUTE
B2_MUTE
A2_MUTE
B1_MUTE
A1_MUTE
default
0
0
0
0
0
0
0
0
0Fh
Vol. Control A1
A1_VOL7
A1_VOL6
A1_VOL5
A1_VOL4
A1_VOL3
A1_VOL2
A1_VOL1
A1_VOL0
default
0
0
0
0
0
0
0
0
10h
Vol. Control B1
B1_VOL7
B1_VOL6
B1_VOL5
B1_VOL4
B1_VOL3
B1_VOL2
B1_VOL1
B1_VOL0
default
0
0
0
0
0
0
0
0
11h
Vol. Control A2
A2_VOL7
A2_VOL6
A2_VOL5
A2_VOL4
A2_VOL3
A2_VOL2
A2_VOL1
A2_VOL0
default
0
0
0
0
0
0
0
0
12h
Vol. Control B2
B2_VOL7
B2_VOL6
B2_VOL5
B2_VOL4
B2_VOL3
B2_VOL2
B2_VOL1
B2_VOL0
default
0
0
0
0
0
0
0
0
13h
Vol. Control A3
A3_VOL7
A3_VOL6
A3_VOL5
A3_VOL4
A3_VOL3
A3_VOL2
A3_VOL1
A3_VOL0
default
0
0
0
0
0
0
0
0
14h
Vol. Control B3
B3_VOL7
B3_VOL6
B3_VOL5
B3_VOL4
B3_VOL3
B3_VOL2
B3_VOL1
B3_VOL0
default
0
0
0
0
0
0
0
0
15h
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
default
0
0
0
0
0
0
0
0
16h
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
default
0
0
0
0
0
0
0
0
17h
Channel Invert
Reserved
Reserved
INV_B3
INV_A3
INV_B2
INV_A2
INV_B1
INV_A1
default
0
0
0
0
0
0
0
0
18h
Mixing Ctrl Pair 1
P1_A=B
Reserved
Reserved
P1_ATAPI4
P1_ATAPI3
P1_ATAPI2
P1_ATAPI1
P1_ATAPI0
default
0
0
0
0
1
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com