Electronic Components Datasheet Search
  English  ▼

X  

CS42432 Datasheet(PDF) 58 Page - Cirrus Logic

Part # CS42432
Description  108 dB, 192 kHz 4-in, 6-out TDM CODEC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42432 Datasheet(HTML) 58 Page - Cirrus Logic

Back Button CS42432 Datasheet HTML 54Page - Cirrus Logic CS42432 Datasheet HTML 55Page - Cirrus Logic CS42432 Datasheet HTML 56Page - Cirrus Logic CS42432 Datasheet HTML 57Page - Cirrus Logic CS42432 Datasheet HTML 58Page - Cirrus Logic CS42432 Datasheet HTML 59Page - Cirrus Logic CS42432 Datasheet HTML 60Page - Cirrus Logic CS42432 Datasheet HTML 61Page - Cirrus Logic CS42432 Datasheet HTML 62Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 58 / 62 page
background image
58
DS673PP2
13 PACKAGE INFORMATION
13.1
Thermal Characteristics
INCHES
MILLIMETERS
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
---
---
0.096
---
---
2.45
A1
0.000
---
0.010
0.00
---
0.25
B
0.009
---
0.016
0.22
---
0.40
D
---
0.519
---
---
13.20 BSC
---
D1
---
0.394
---
---
10.00 BSC
---
E
---
0.519
---
---
13.20 BSC
---
E1
---
0.394
---
---
10.00 BSC
---
e*
---
0.026
---
---
0.65 BSC
---
L
0.029
0.035
0.041
0.73
0.88
1.03
∝
0.00°
4°
7.00°
0.00°
4°
7.00°
* Nominal pin pitch is 0.65 mm
Controlling dimension is mm.
JEDEC Designation: MS022
Parameter
Symbol
Min
Typ
Max
Units
Junction to Ambient Thermal Impedance
2 Layer Board
4 Layer Board
θJA
θJA
-
-
47
38
-
-
°C/Watt
°C/Watt
E1
E
D1
D
1
e
L
∝
B
A1
A
52L MQFP PACKAGE DRAWING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com