Electronic Components Datasheet Search
  English  ▼

X  

CS42432 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS42432
Description  108 dB, 192 kHz 4-in, 6-out TDM CODEC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42432 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS42432 Datasheet HTML 22Page - Cirrus Logic CS42432 Datasheet HTML 23Page - Cirrus Logic CS42432 Datasheet HTML 24Page - Cirrus Logic CS42432 Datasheet HTML 25Page - Cirrus Logic CS42432 Datasheet HTML 26Page - Cirrus Logic CS42432 Datasheet HTML 27Page - Cirrus Logic CS42432 Datasheet HTML 28Page - Cirrus Logic CS42432 Datasheet HTML 29Page - Cirrus Logic CS42432 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
26
DS673PP2
5
APPLICATIONS
5.1
Overview
The CS42432 is a highly integrated mixed signal 24-bit audio CODEC comprised of 4 analog-to-digital
converters (ADC), implemented using multi-bit delta-sigma techniques, and 6 digital-to-analog converters
(DAC) also implemented using multi-bit delta-sigma techniques.
Other functions integrated within the CODEC include independent digital volume controls for each DAC,
digital de-emphasis filters for the DAC, digital volume control with gain on each ADC channel, ADC high-
pass filters, and an on-chip voltage reference.
The serial audio interface ports allow up to 6 DAC channels and 6 ADC channels in a Time-Division Mul-
tiplexed (TDM) interface format. The CS42432 features an Auxiliary Port used to accommodate an addi-
tional two channels of PCM data on the ADC_SDOUT data line in the TDM digital interface format. See
“AUX Port Digital Interface Formats” on page 33 for details.
The CS42432 operates in one of three oversampling modes based on the input sample rate. Mode selec-
tion is determined automatically based on the MCLK frequency setting. Single-Speed mode (SSM) sup-
ports input sample rates up to 50 kHz and uses a 128x oversampling ratio. Double-Speed mode (DSM)
supports input sample rates up to 100 kHz and uses an oversampling ratio of 64x. Quad-Speed mode
(QSM) supports input sample rates up to 200 kHz and uses an oversampling ratio of 32x (NOTE: QSM
for the ADC is only supported in the I²S, Left-Justified, Right-Justified interface formats. QSM is not sup-
ported for the ADC). NOTE: QSM is only available in software mode (see section 5.4 on page 31 for de-
tails).
All functions can be configured through software via a serial control port operable in SPI mode or in I²C
mode. A hardware, stand-alone mode is also available, allowing configuration of the CODEC on a more
limited basis. See Table 2 for the default configuration in Hardware Mode.
Figure 1 on page 10 and Figure 2 on page 11 show the recommended connections for the CS42432 in
software and hardware mode, respectively. See section “Register Description” on page 40 for the default
register settings and options in Software Mode.
Hardware Mode Feature Summary
Function
Default Configuration
Hardware Control
Note
Power Down ADC
All ADC’s are enabled
-
-
Power Down DAC
All DAC’s are enabled
-
-
Power Down Device
Device is powered up
-
-
MCLK Frequency Select
Selectable between 256Fs
and 512Fs
“MFREQ” pin 3
see section
5.4
Freeze Control
N/A
-
-
AUX Serial Port Interface Format
Left-Justified
-
-
ADC1/ADC2 High Pass Filter Freeze
High Pass Filter is always
enabled
--
DAC De-Emphasis
No De-Emphasis applied
-
-
ADC1/ADC2 Single-Ended Mode
Disabled
-
-
DAC Volume Control/Mute/Invert
All DAC Volume = 0 dB, un-
muted, not inverted
--
ADC Volume Control
All ADC Volume = 0 dB
-
-
DAC Soft Ramp/Zero Cross
Immediate Change
-
-
Table 2. Hardware Configurable Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com