Electronic Components Datasheet Search
  English  ▼

X  

CS44600 Datasheet(PDF) 66 Page - Cirrus Logic

Part # CS44600
Description  6-Channel Digital Amplifier Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44600 Datasheet(HTML) 66 Page - Cirrus Logic

Back Button CS44600 Datasheet HTML 62Page - Cirrus Logic CS44600 Datasheet HTML 63Page - Cirrus Logic CS44600 Datasheet HTML 64Page - Cirrus Logic CS44600 Datasheet HTML 65Page - Cirrus Logic CS44600 Datasheet HTML 66Page - Cirrus Logic CS44600 Datasheet HTML 67Page - Cirrus Logic CS44600 Datasheet HTML 68Page - Cirrus Logic CS44600 Datasheet HTML 69Page - Cirrus Logic CS44600 Datasheet HTML 70Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 78 page
background image
66
DS633PP1
CS44600
7.28
GPIO Interrupt Mask Register (address 30h)
7.28.1
GPIO Pin Interrupt Mask (M_GPIOX)
Default = 0
Function:
General Purpose Input - The bits of this register serve as a mask for GPIO[3:0] interrupt sources. If a mask
bit is set to 1, the interrupt is unmasked, meaning that its occurrence will affect the INT pin and the Inter-
rupt Status register. If a mask bit is set to 0, the condition is masked, meaning that its occurrence will not
affect the INT pin or Interrupt Status Register. The proper pin status will be reported in the GPIO Status
Register. The bit positions align with the corresponding bits in the GPIO Status register.
General Purpose Output - This register is not used.
7.29
PWM Configuration Register (address 31h)
7.29.1
Over Sample Rate Selection (OSRATE)
Default = 0
0 - modulated PWM output pulses run at single-mode switch rate. Typically 384 kHz or 421.875 kHz.
1 - modulated PWM output pulses run at double-mode switch rate. Typically 768 kHz or 843.75 kHz.
Function:
Enables the interpolation filter in the modulator to over-sample the incoming audio to support a double-
speed PWM switch rate. This parameter can only be changed when all modulators and associated logic
are in the power-down state by setting the PDN bit in the register “Clock Configuration and Power Control
(address 02h)” on page 51 to a 1b. Attempts to write this register while the PDN is not set will be ignored.
7.29.2
Channels A1 and B1 Output Configuration (A1/B1_OUT_CNFG)
Default = 0
0 - pwm outputs for both channels A1 and B1 are configured for half-bridge operation
1 - pwm outputs for both channels A1 and B1 are configured for full-bridge operation
Function:
Identifies the output configuration. The value selected for this bit is applicable to the outputs for channels
A1 and B1. This parameter can only be changed when all modulators and associated logic are in the pow-
er-down state by setting the PDN bit in the register “Clock Configuration and Power Control (address 02h)”
on page 51 to a 1b. Attempts to write this register while the PDN is not set will be ignored.
7.29.3
Channels A2 and B2 Output Configuration (A2/B2_OUT_CNFG)
Default = 0
0 - pwm outputs for both channels A2 and B2 are configured for half-bridge operation
1 - pwm outputs for both channels A2 and B2 are configured for full-bridge operation
Function:
Identifies the output configuration. The value selected for this bit is applicable to the outputs for channels
A2 and B2. This parameter can only be changed when all modulators and associated logic are in the pow-
76
54
32
10
RESERVED
RESERVED
RESERVED
RESERVED
M_GPIO3
M_GPIO2
M_GPIO1
M_GPIO0
76
5
4
3
2
1
0
OSRATE
RESERVED
RESERVED A1/B1_OUT_CNFG A2/B2_OUT_CNFG A3_OUT_CNFG B3_OUT_CNFG
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com